Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 25Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 26Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 27Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 28Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 29Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 30Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 31Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 32Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Block Requested
1. PCD ± Read Binary Request
Filling Block
2. Host ± Service Request
Being Transmitted
3. PCD/Host ± Data Being Transmitted (prefetch interrupt):
Filling Now
0
Sent
4. PCD/Host ± Next Request (only prefetch interrupt):
Being Transmitted
Have
Need
Buffer shifted internally:
L
N
Request Parameters:
buffer_start_index = L
length_requested = N - L
0
Entire Buffer Space (not to scale)
Filling Now
Sent
5. PCD/Host ± Next Request (only prefetch interrupt):
Sent
Being Transmitted
Filling
6. PCD ± Next Request (General Type 4 Request interrupt)
8. Next: Cycle repeats (to Step 3)
(up to limit)
7. Host ± Service Request:
Sending
N (<255 bytes)
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
5.9.3.1
NDEF Read Command With Prefetch Internal Buffer Handling
Figure 5-12. Read Buffer Flow (Prefetch Feature)
The key feature with Prefetch is that while the Read Binary is being transmitted, the next packet can be
sent out by the host controller and be filling the internal RF430CL331H buffer. Each request is stored in
the subsequent buffer memory until the buffer limit is reached. When the buffer limit is reached, the
remaining unsent data is shifted to the beginning of the buffer and what data is needed for the next
request is requested (see Step 6). This command is requested using the General Type 4 request interrupt
(not with a prefetch interrupt) because it does not happen during the time when the RF430CL331H is
sending data over RF.
Read buffer flow procedure (see Figure 5-12):
1. PCD requests a block of data.
2. PICC received the requests, sets up the internal register and asserts the INTO interrupt.
3. Host services the interrupt by supplying the data. PICC transmits the data. After starting to transmit the
data, PICC issues a Read Prefetch interrupt. The host supplies the extra data while the RF
communication is ongoing.
4. When the next Read Binary request comes, because the data is already cached, only the Prefetch
interrupt is asserted.
5. This time a Prefetch interrupt is asserted, but only a portion of the data can be written because the
buffer space is running out.
6. Because there is not enough data to service the Read Binary requests, a General Type 4 interrupt is
asserted. The partial data that has been written previously is shifted to the beginning of the buffer and
the only the remaining missing data is requested in the interrupt.
7. The complete data is sent out. The cycle repeats (the Prefetch interrupt is issued again).
If a prefetch interrupt is issued for a file, but there is no more data to send, this interrupt can be canceled
by servicing it by setting the data length sent to 0. Also if data was sent by a prefetch but it was not
needed by the RF430CL331H (due to a different request by the PCD) that data is discarded and the new
request handling initiated.
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
29
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com