Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 1 Page - Texas Instruments

  RF430CL331HIPWR Datasheet HTML 1Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 2Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 3Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 4Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 5Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 6Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 7Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 8Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
1
Device Overview
1.1
Features
1
• Pass-Through Operation Sends Data Updates and
• Enables Data Streaming
Requests to Host Controller
• All RF Communication up to Layer 4 Handled
• I2C Interface Allows Writing and Reading of
Automatically
Internal SRAM
• Supports up to Maximum NDEF Message Size
• Prefetching, Caching, and Auto ACK Features
• Compliant With ISO/IEC 14443B
Increase Data Throughput
• Supports up to 848 kbps
1.2
Applications
•
Wireless Firmware Updates
•
Service Interface
•
Wi-Fi® and Bluetooth® Pairing
•
Wireless Sensor Interfaces
1.3
Description
The TI Dynamic NFC/RFID Interface Transponder RF430CL331H is an NFC Tag Type 4 device that
combines a contactless NFC/RFID interface and a wired I2C interface to connect the device to a host. The
NDEF message can be written and read from the integrated I2C serial communication interface and can
also be accessed and updated over a contactless interface using the integrated ISO/IEC 14443 Type B
compliant RF interface that supports up to 848 kbps.
The device requests responses to NFC Type 4 commands on demand from the host controller and stores
only a portion of the NDEF message in its buffer at any one time. This allows NDEF message size to be
limited only by the memory capacity of the host controller and specification limitations.
Support of read caching, prefetching, and write automatic acknowledgment features allows for greater
data throughput.
This device enables NFC connection handover for an alternative carrier like Bluetooth®, Bluetooth® low
energy (BLE), or Wi-Fi as an easy and intuitive pairing process or authentication process with only a tap.
As a general NFC interface, the RF430CL331H enables end equipment to communicate with the fast-
growing infrastructure of NFC-enabled smart phones, tablets, and notebooks.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (2)
RF430CL331HIPW
TSSOP (14)
5 mm × 4.4 mm
RF430CL331HRGT
VQFN (16)
3 mm × 3 mm
(1)
For the most current part, package, and ordering information for all available devices, see the Package
Option Addendum in Section 8, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 8.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - RF430CL331HIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430CL331HIPWR TI2-RF430CL331HIPWR Datasheet
1Mb / 63P
RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
REVISED NOVEMBER 2015
RF430CL331HIPWR.A TI2-RF430CL331HIPWR.A Datasheet
1Mb / 63P
RF430CL331H NFC Type 4B Dynamic Dual Interface Transponder
REVISED NOVEMBER 2015
More results

Similar Description - RF430CL331HIPWR

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8124 SONARDYNE-8124 Datasheet
398Kb / 2P
Dynamic Positioning Transponder (DPT)
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
DYNAMIC NFC INTERFACE TRANSPONDER
logo
PREMO CORPORATION S.L
SDTR1103-HF2 PREMO-SDTR1103-HF2 Datasheet
98Kb / 1P
SMD Transponder for NFC applications
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL154H TI-RF430FRL154H_15 Datasheet
682Kb / 51P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
Dynamic NFC Interface Transponder
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
Automotive Dynamic NFC Interface Transponder
RF430FRL152H TI1-RF430FRL152H Datasheet
1Mb / 53P
RF430FRL15xH NFC ISO 15693 Sensor Transponder
logo
STMicroelectronics
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com