Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 8Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 9Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 10Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 11Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 12Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 13Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 14Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 15Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
I C
Interface
2
Processing
Unit
(MSP430-
based)
NFC Type 4B
Tag Platform
ISO/IEC 14443
RF Interface
Buffer
Memory
(SRAM)
SCL
SDA
I2C_READY
E0
E1
E2
INTO
ANT1
VCC
VSS
VCORE
ANT2
I2C_SIGNAL
RST
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
5
Detailed Description
5.1
Overview
Figure 5-1 shows the functional block diagram.
5.2
Functional Block Diagram
Figure 5-1. Functional Block Diagram
5.3
Terms and Acronyms
Table 5-1 describes the terms and acronyms used in this document.
Table 5-1. Term Definitions
NAME
DESCRIPTION
PCD
Proximity coupling device, such as NFC enabled handset, NFC/RFID reader/writer devices
PICC
Proximity integrated circuit card, dynamic tag, RF430CL331H IC
NFC Type 4 command
See the NFC Forum Type 4 Tag Operation Specification (http://nfc-forum.org/) for details
PICC Buffer
This is a memory range (0 through 2999) that is accessible through the I2C bus, where buffer data is stored.
This is a MCU or processor connected to the PICC through the I2C bus. It responds to all the of Type 4 data
Host Controller
requests that come from the PICC.
Type 4 command acknowledgments, referred also as SW1 and SW2 (status word). Refer to NFC/RFID and
SW
ISO14443-B specifications for details.
Frame wait time extension. When the RF430CL331H cannot respond to a command that PCD sends, it must
SWTX or S(WTX)
send a S(WTX) request indicating that it needs more time. The PCD then responds and the RF430CL331H has
the negotiated time that it requested.
5.4
Serial Communication Interface
The serial interface of this device is I2C. The serial interface allows a connected MCU to configure the
device and write to and read from the available registers and the RAM buffer on the RF430CL331H.
12
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com