Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button RF430CL331HIPWR Datasheet HTML 4Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 5Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 6Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 7Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 8Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 9Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 10Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 11Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
RF430CL331H
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
www.ti.com
4.5
Supply Currents
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST
VCC
MIN
TYP
MAX
UNIT
CONDITIONS
ICC(I2C)
I2C, 400 kHz, Writing into NDEF memory
3.3 V
250
µA
ICC(RF enabled)
RF enabled, no RF field present
3.3 V
40
µA
Standby enable = 0, RF disabled, no serial
ICC(Inactive)
3.3 V
15
µA
communication
Standby enable = 1, RF disabled, no serial
ICC(Standby)
3.3 V
10
45
µA
communication
Additional current consumption with strong RF field
ΔICC(StrongRF)
3.0 V to 3.6 V
160
µA
present
Current drawn from VCC < 3.0 V with RF field present
ICC(RF,lowVCC)
2.0 V to 3.0 V
0
µA
(passive operation)
4.6
Electrical Characteristics, Digital Inputs
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
0.3 ×
VIL
Low-level input voltage
V
VCC
0.7 ×
VIH
High-level input voltage
V
VCC
0.1 ×
VHYS
Input hysteresis
V
VCC
IL
High-impedance leakage current
3.3 V
–50
50
nA
RPU(RST)
Integrated RST pullup resistor
20
35
50
k
Ω
4.7
Electrical Characteristics, Digital Outputs
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
3 V
0.4
VOL
Output low voltage
IOL = 3 mA
3.3 V
0.4
V
3.6 V
0.4
3 V
2.6
VOH
Output high voltage
IOH = –3 mA
3.3 V
2.9
V
3.6 V
3.2
8
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com