Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF430CL331HIPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL331HIPWR
Description  NFC Type 4B Dynamic Dual Interface Transponder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL331HIPWR Datasheet(HTML) 5 Page - Texas Instruments

  RF430CL331HIPWR Datasheet HTML 1Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 2Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 3Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 4Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 5Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 6Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 7Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 8Page - Texas Instruments RF430CL331HIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
RF430CL331H
www.ti.com
SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015
3.2
Pin Attributes
Table 3-1. Pin Attributes
PIN NUMBER
SIGNAL NAME
SIGNAL TYPE (1)
BUFFER TYPE (2)
POWER SOURCE
RESET STATE (3)
PW
RGT
1
15
VCC
PWR
Power
VCC
N/A
2
1
ANT1
RF
Analog
–
N/A
3
2
ANT2
RF
Analog
–
N/A
4
3
RST
I
LVCMOS
VCC
PU
5
4
E0
I
LVCMOS
VCC
OFF
6
5
E1
I
LVCMOS
VCC
OFF
7
6
E2
I
LVCMOS
VCC
OFF
8
7
INTO
O
LVCMOS
VCC
OFF
9
8
I2C_READY
O
LVCMOS
VCC
DRIVE1
10
9
I2C_SIGNAL
O
LVCMOS
VCC
DRIVE1
11
10
SCL
I/O
LVCMOS
VCC
OFF
12
11
SDA
I/O
LVCMOS
VCC
OFF
13
12
VCORE
PWR
Power
VCC
N/A
14
13
VSS
PWR
Power
VCC
N/A
–
14
NC
–
–
–
–
–
16
NC
–
–
–
–
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output, PWR = Power, RF = Radio frequency
(2)
Buffer Types: See Table 3-3 for details.
(3)
Reset States:
OFF = High-impedance input with pullup or pulldown disabled (if available)
PD = High-impedance input with pulldown enabled
PU = High-impedance input with pullup enabled
DRIVE0 = Drive output low
DRIVE1 = Drive output high
N/A = Not applicable
Copyright © 2015, Texas Instruments Incorporated
Terminal Configuration and Functions
5
Submit Documentation Feedback
Product Folder Links: RF430CL331H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com