Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS51221 Datasheet(PDF) 4 Page - Semtech Corporation

Part # TS51221
Description  High Efficiency Regulator IC for Wireless Power Receiver Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221 Datasheet(HTML) 4 Page - Semtech Corporation

  TS51221 Datasheet HTML 1Page - Semtech Corporation TS51221 Datasheet HTML 2Page - Semtech Corporation TS51221 Datasheet HTML 3Page - Semtech Corporation TS51221 Datasheet HTML 4Page - Semtech Corporation TS51221 Datasheet HTML 5Page - Semtech Corporation TS51221 Datasheet HTML 6Page - Semtech Corporation TS51221 Datasheet HTML 7Page - Semtech Corporation TS51221 Datasheet HTML 8Page - Semtech Corporation TS51221 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
4 of 18
Semtech
Thermal Characteristics
Symbol
Parameter
Value
Units
ΘJA
ThermalResistanceJunctiontoAir(Note1)
34.5
°C/W
ΘJC
ThermalResistanceJunctiontoCase(Note1)
2.5
°C/W
TSTG
StorageTemperatureRange
-65to150
°C
TJMAX
MaximumJunctionTemperature
150
°C
TJ
OperatingJunctionTemperatureRange
-40to125
°C
Note 1: Assumes 16LD 3x3 QFN with hi-K JEDEC board and 13.5 inch2 of 1 oz Cu and 4 thermal vias connected to PAD
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
V
CC
InputOperatingVoltage
4.5
12
24
V
CBST
BootstrapCapacitor
17.6
22
26.4
nF
LOUT
OutputFilterInductorTypicalValue(Note1)
3.76
4.7
5.64
uH
COUT
OutputFilterCapacitorTypicalValue(Note2)
33
44(2x22)
uF
COUT-ESR
OutputFilterCapacitorESR
2
100
mΩ
CBYPASS
InputSupplyBypassCapacitorTypicalValue(Note3)
8
10
uF
Note 1: For best performance, an inductor with a saturation current rating higher than the maximum V
OUT load requirement plus the inductor
current ripple.
Note 2: For best performance, a low ESR ceramic capacitor should be used.
Note 3: For best performance, a low ESR ceramic capacitor should be used. If C
BYPASS is not a low ESR ceramic capacitor, a 0.1uF ceramic
capacitor should be added in parallel to CBYPASS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com