Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS51221 Datasheet(PDF) 13 Page - Semtech Corporation

Part # TS51221
Description  High Efficiency Regulator IC for Wireless Power Receiver Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button TS51221 Datasheet HTML 9Page - Semtech Corporation TS51221 Datasheet HTML 10Page - Semtech Corporation TS51221 Datasheet HTML 11Page - Semtech Corporation TS51221 Datasheet HTML 12Page - Semtech Corporation TS51221 Datasheet HTML 13Page - Semtech Corporation TS51221 Datasheet HTML 14Page - Semtech Corporation TS51221 Datasheet HTML 15Page - Semtech Corporation TS51221 Datasheet HTML 16Page - Semtech Corporation TS51221 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
13 of 18
Semtech
External Component Bill of Materials
Designator Function
Description
Suggested
Manufacturer
Manufacturer Code
Qty
CBYPASS
InputSupplyBypassCapacitor
10uF10%35V
TDK
CGA5L3X5R1V106K160AB
1
COUT
OutputFilterCapacitor
22uF10%10V
TDK
C2012X5R1A226K125AB
2
LOUT
OutputFilterInductor
4.7uH2A
TDK
Wurth
SLF7045T-4R7M2R0-PF
7447745047
1
cBST
BoostCapacitor
22nF10V
TDK
C1005X7R1C223K
1
RTOP
VoltageFeedbackResistor
(optional)
17.8K
(Note1)
1
RBOT
VoltageFeedbackResistor
(optional)
10K
(Note1)
1
RPLP
PGPinPull-upResistor(optional)
10K
1
DCATCH
CatchDiode(optional)
30V2A
SOD-123FL
On
Semiconductor
MBR230LSFT1G
1
Note 1: The voltage divider resistor values are calculated for an output voltage of 2.5V. For fixed output versions, the FB pin is connected
directly to VOUT.
Figure : TS51221 PCB Layout, Top View
PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com