Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS51221 Datasheet(PDF) 11 Page - Semtech Corporation

Part # TS51221
Description  High Efficiency Regulator IC for Wireless Power Receiver Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button TS51221 Datasheet HTML 7Page - Semtech Corporation TS51221 Datasheet HTML 8Page - Semtech Corporation TS51221 Datasheet HTML 9Page - Semtech Corporation TS51221 Datasheet HTML 10Page - Semtech Corporation TS51221 Datasheet HTML 11Page - Semtech Corporation TS51221 Datasheet HTML 12Page - Semtech Corporation TS51221 Datasheet HTML 13Page - Semtech Corporation TS51221 Datasheet HTML 14Page - Semtech Corporation TS51221 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
11 of 18
Semtech
Typical Performance Characteristics
T
J=-40Cto125C,VCC=12V(unlessotherwisenoted)
- 11 -
TS51221
Version 1.1
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright
© 2012, Triune Systems, LLC
TYPICAL PERFORMANCE CHARACTERISTICS
TJ=-40Cto125C,VCC=12V(unlessotherwisenoted)
Figure 15. Standby Current vs. Input Voltage
Figure 16. Standby Current vs. Temperature
Figure 17. Output Voltage vs. Temperature
Figure 18. Oscillator Frequency vs. Temperature (Iout=300mA)
Figure 19. Quiescent Current vs. Temperature (No load)
Figure 20. Input Current vs. Temperature (No load, No switching)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
-50
0
50
100
150
Temperature
(°C)
Iout=300mA
Iout=30mA
3.280
3.285
3.290
3.295
3.300
3.305
3.310
-50
0
50
100
150
Temperature
(°C)
0.95
0.97
0.99
1.01
1.03
1.05
-50
0
50
100
150
Temperature
(°C)
4.00
4.50
5.00
5.50
6.00
-50
0
50
100
150
Temperature
(°C)
1.84
1.86
1.88
1.9
1.92
1.94
1.96
1.98
2
-50
0
50
100
150
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com