Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS51221 Datasheet(PDF) 3 Page - Semtech Corporation

Part # TS51221
Description  High Efficiency Regulator IC for Wireless Power Receiver Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221 Datasheet(HTML) 3 Page - Semtech Corporation

  TS51221 Datasheet HTML 1Page - Semtech Corporation TS51221 Datasheet HTML 2Page - Semtech Corporation TS51221 Datasheet HTML 3Page - Semtech Corporation TS51221 Datasheet HTML 4Page - Semtech Corporation TS51221 Datasheet HTML 5Page - Semtech Corporation TS51221 Datasheet HTML 6Page - Semtech Corporation TS51221 Datasheet HTML 7Page - Semtech Corporation TS51221 Datasheet HTML 8Page - Semtech Corporation TS51221 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
3 of 18
Semtech
Functional Block Diagram
Figure 2: TS51221 Block Diagram
Absolute Maximum Rating
Overoperatingfree–airtemperaturerangeunlessotherwisenoted(1,2)
Parameter
Value
Unit
VCC
-0.3to26.4
V
BST
-0.3to(VCC+6)
V
VSW
-1to26.4
V
EN,PG,FB
-0.3to6
V
ElectrostaticDischarge–HumanBodyModel
+/-2k
V
ElectrostaticDischarge–ChargeDeviceModel
+/-500
V
LeadTemperature(soldering,10seconds)
260
°C
Notes:
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com