Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS51221 Datasheet(PDF) 1 Page - Semtech Corporation

Part # TS51221
Description  High Efficiency Regulator IC for Wireless Power Receiver Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221 Datasheet(HTML) 1 Page - Semtech Corporation

  TS51221 Datasheet HTML 1Page - Semtech Corporation TS51221 Datasheet HTML 2Page - Semtech Corporation TS51221 Datasheet HTML 3Page - Semtech Corporation TS51221 Datasheet HTML 4Page - Semtech Corporation TS51221 Datasheet HTML 5Page - Semtech Corporation TS51221 Datasheet HTML 6Page - Semtech Corporation TS51221 Datasheet HTML 7Page - Semtech Corporation TS51221 Datasheet HTML 8Page - Semtech Corporation TS51221 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
1 of 18
Semtech
TS51221
TRIUNE PRODUCTS
Features
•
Fixedoutputvoltagechoices:1.5V,1.8V,2.5V,3.3V,and5V
with+/-2%outputtolerance
•
Adjustableversionoutputvoltagerange:0.9Vto5.5Vwith
+/-1.5%reference
•
Wideinputvoltagerange:4.5Vto24V
•
1MHz+/-10%fixedswitchingfrequency
•
Inputundervoltagelockout
•
Fullprotectionforover-current,over-temperature,and
V
OUTover-voltage
•
Lowexternalcomponentcount
Summary Specification
•
Junctionoperatingtemperature-40°Cto125°C
•
Packagedina16pinQFN(3x3)
High Efficiency Regulator IC for
Wireless Power Receiver Applications
Description
TheTS51221isahigh-efficiencyregulatordeviceforlow-
powerwirelesspowerreceiverapplications.Theswitching
frequencyof1MHzenablestheuseofsmallfiltercomponents
resultinginminimalboardspaceandreducedBOMcosts.
TheTS51221integratesawiderangeofprotectioncircuitry
includinginputsupplyunder-voltagelockout,outputvoltage
softstart,currentlimit,andthermalshutdown.
Applications
•
WirelessChargingforportabledevices
•
Wear-ables,medicalmonitors
•
Bluetoothheadsets
•
Smartwatches
Typical Application Circuit
Load
Receiver
TS51221
Transmitter
TS51231
DC
Supply
Application
Processor
Application
Processor


Similar Part No. - TS51221

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
Wireless Power Receiver
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
Wireless Power Receiver and Battery Charger
TS51224-M000WCSR SEMTECH-TS51224-M000WCSR Datasheet
445Kb / 20P
Wireless Power Receiver and Battery Charger
More results

Similar Description - TS51221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
High Efficiency Receiver Controller for Wireless Power Systems
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
High Efficiency Receiver Controller for Wireless Power Systems
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
High Efficiency Receiver Controller for Wireless Power Systems
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
Wireless Charging System Receiver IC for Low Power Applications
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
A High Efficiency Wireless Power Receiver
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com