Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS51221 Datasheet(PDF) 14 Page - Semtech Corporation

Part # TS51221
Description  High Efficiency Regulator IC for Wireless Power Receiver Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button TS51221 Datasheet HTML 10Page - Semtech Corporation TS51221 Datasheet HTML 11Page - Semtech Corporation TS51221 Datasheet HTML 12Page - Semtech Corporation TS51221 Datasheet HTML 13Page - Semtech Corporation TS51221 Datasheet HTML 14Page - Semtech Corporation TS51221 Datasheet HTML 15Page - Semtech Corporation TS51221 Datasheet HTML 16Page - Semtech Corporation TS51221 Datasheet HTML 17Page - Semtech Corporation TS51221 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
14 of 18
Semtech
External Component Selection
The1MHzinternalswitchingfrequencyoftheTS51221
facilitateslowcostLCfiltercombinations.Additionally,the
fixedoutputversionsenableaminimumexternalcomponent
counttoprovideacompleteregulationsolutionwithonly4
externalcomponents:aninputbypasscapacitor,aninductor,
anoutputcapacitor,andthebootstrapcapacitor.Theinternal
compensationisoptimizedfora44uFoutputcapacitoranda
4.7uHinductor.
Forbestperformance,alowESRceramiccapacitorshouldbe
usedforCBYPASS.IfCBYPASSisnotalowESRceramiccapacitor,a
0.1uFceramiccapacitorshouldbeaddedinparalleltoCBYPASS.
Theminimumallowablevaluefortheoutputcapacitoris
33uF.Tokeeptheoutputripplelow,alowESR(lessthan
35mOhm)ceramicisrecommended.Multiplecapacitorscan
beparalleledtoreducetheESR.
Theinductorrangeis4.7uH+/-20%.Foroptimalover-current
protection,theinductorshouldbeabletohandleuptothe
regulatorcurrentlimitwithoutsaturation.Otherwise,an
inductorwithasaturationcurrentratinghigherthanthe
maximumIOUTloadrequirementplustheinductorcurrent
rippleshouldbeused.
Forhighcurrentmodes,theoptionalSchottkydiodewill
improvetheoverallefficiencyandreducetheheat.Itisup
totheusertodeterminethecost/benefitofaddingthis
additionalcomponentintheuser’sapplication.Thediodeis
typicallynotneeded.
FortheadjustableoutputversionoftheTS51221,theoutput
voltagecanbeadjustedbysizingRTOPandRBOTfeedback
resistors.Theequationfortheoutputvoltageis
Fortheadjustableversion,theratioofVCC/VOUTcannot
exceed16.
RPUPisonlyrequiredwhenthePowerGoodsignal(PG)is
utilized.
Thermal Information
TS51221isdesignedforamaximumoperatingjunction
temperatureTJof125°C.Themaximumoutputpoweris
limitedbythepowerlossesthatcanbedissipatedover
thethermalresistancegivenbythepackageandthePCB
structures.ThePCBmustprovideheatsinkingtokeepthe
TS51221cool.TheexposedmetalonthebottomoftheQFN
packagemustbesolderedtoagroundplane.Thisground
shouldbetiedtoothercopperlayersbelowwiththermalvias.
Addingmorecoppertothetopandthebottomlayersand
tyingthiscoppertotheinternalplaneswithviascanreduce
thermalresistancefurther.Forahi-KJEDECboardand13.5
squareinchof1ozCu,thethermalresistancefromjunction
toambientcanbereducedtoΘJA=38°C/W.Thepower
dissipationofotherpowercomponents(catchdiode,inductor)
causeadditionalcopperheatingandcanfurtherincreasewhat
theTS51221seesasambienttemperature.
0.9 1
TOP
BOT
R
Vout
R

=
⋅+





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com