Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6232 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6232
Description  Smart Six Channel Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6232 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6232 Datasheet HTML 1Page - Infineon Technologies AG TLE6232 Datasheet HTML 2Page - Infineon Technologies AG TLE6232 Datasheet HTML 3Page - Infineon Technologies AG TLE6232 Datasheet HTML 4Page - Infineon Technologies AG TLE6232 Datasheet HTML 5Page - Infineon Technologies AG TLE6232 Datasheet HTML 6Page - Infineon Technologies AG TLE6232 Datasheet HTML 7Page - Infineon Technologies AG TLE6232 Datasheet HTML 8Page - Infineon Technologies AG TLE6232 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet TLE 6232 GP
V1.2
Page
08.Oct. 2003
1
Smart Six Channel Low-Side Switch
Features
Product Summary
• Short Circuit Protection up to 24 V
• Over-temperature Protection
• Over-voltage Protection
• 16 bit Serial Data Input and Diagnostic
Output (2 bit/ch. acc. SPI protocol)
• Direct Parallel Control of all six Chan-
nels for PWM Applications
• General Fault Flag
• Low Quiescent Current
• Compatible with 3V Micro Controllers
• Electrostatic Discharge (ESD) Protection
• Parallel Inputs High or Low Active Programmable
Application
• µC Compatible Power Switch for 12 V and 24V Applications
• Switch for Automotive and Industrial System
• Solenoids, Relays and Resistive Loads
• Robotic Controls
General description
Six Channel Low-Side Switch in Smart Power Technology (SPT) with a
Serial Peripheral Interface (SPI) and six open drain DMOS output stages. The TLE 6232 GP is pro-
tected by embedded protection functions and designed for automotive and industrial applications. The
output stages are controlled via an SPI Interface. Additionally all six channels can be controlled direct
in parallel for PWM applications. Therefore the TLE 6232 GP is particularly suitable for engine man-
agement and powertrain systems.
Block Diagram
Supply voltage
VS
4.5 – 5.5 V
Drain source clamping voltage
VDS(AZ)typ.
53
V
On resistance
RON1-4
0.25
Ω
RON 5,6
0.45
Ω
Output current (Channel 1-4)
ID(NOM)
2
A
(Channel 5,6)
ID(NOM)
1
A
P-DSO 36-12
Ordering Code:
Q67007A9397A702
RESET
FAULT
CS
Output Stage
Output Control
Buffer
Serial Interface
SPI
LOGIC
SCLK
SI
66
GND
VS
SO
16
IN1
OUT1
OUT6
PRG
VBB
VS
as Ch. 1
16
GND
Protection
Functions
as Ch. 1
as Ch. 1
as Ch. 1
IN6
as Ch. 1


Similar Part No. - TLE6232

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6232GP INFINEON-TLE6232GP Datasheet
420Kb / 20P
Smart Six Channel Low-Side Switch
V2.3 2009-11-18
TLE6232GP INFINEON-TLE6232GP_09 Datasheet
420Kb / 20P
Smart Six Channel Low-Side Switch
V2.3 2009-11-18
More results

Similar Description - TLE6232

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5216G SIEMENS-TLE5216G Datasheet
88Kb / 17P
Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
logo
Siemens Semiconductor G...
TLE5224G2 SIEMENS-TLE5224G2 Datasheet
366Kb / 9P
SMART TWO CHANNEL LOW-SIDE SWITCH
logo
Infineon Technologies A...
TLE6215G INFINEON-TLE6215G Datasheet
268Kb / 12P
Smart Two Channel Low-Side Switch
V5 28.04.2002
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6240GP INFINEON-TLE6240GP_10 Datasheet
1Mb / 37P
Smart 16-Channel Low-Side Switch
Rev.3.3, 2010-02-15
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6232GP INFINEON-TLE6232GP_09 Datasheet
420Kb / 20P
Smart Six Channel Low-Side Switch
V2.3 2009-11-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com