Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6232 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6232
Description  Smart Six Channel Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6232 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6232 Datasheet HTML 7Page - Infineon Technologies AG TLE6232 Datasheet HTML 8Page - Infineon Technologies AG TLE6232 Datasheet HTML 9Page - Infineon Technologies AG TLE6232 Datasheet HTML 10Page - Infineon Technologies AG TLE6232 Datasheet HTML 11Page - Infineon Technologies AG TLE6232 Datasheet HTML 12Page - Infineon Technologies AG TLE6232 Datasheet HTML 13Page - Infineon Technologies AG TLE6232 Datasheet HTML 14Page - Infineon Technologies AG TLE6232 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet TLE 6232 GP
V1.2
Page
08.Oct. 2003
11
- DIAG_REG: 16-bit (2 byte) length. Contains the diagnostic information (2 bits per chan-
nel), a common over-temperature bit and a common fault bit.
Registers MUX_REG and SCON_REG are writeable as well as readable from the microcon-
troller. The DIAG_REG can only be read from the µC.
This leads to five different control bytes which are recognized by the IC. The following table
shows the different modes.
MSB
LSB
MSB
LSB
WR_SCON
SI:
SO:
H L L H H L X X
Z Z F OT DIA6 DIA5
D6 D5 D4 D3 D2 D1 X X
DIA4
DIA3
DIA2
DIA1
Write to SCON Register.
RD_SCON
SI:
SO:
H L L H L H X X
Z Z F OT DIA6 DIA5
X X X X X X X X
SCON6 .. . SCON1 H H
Read SCON Register
WR_MUX
SI:
SO:
H L H L H L X X
Z Z F OT DIA6 DIA5
M6 M5 M4 M3 M2 M1 X X
DIA4 DIA3 DIA2 DIA1
Write to MUX Register.
RD_MUX
SI:
SO:
H L H L L H X X
Z Z F OT DIA6 DIA5
X
X
X
X
X
X
X
X
MUX6 . .
MUX1
H H
Read MUX Register
RD_DIAG
SI:
SO
H L L L L L X X
Z Z F OT DIA6 DIA5
X
X
X
X
X
X
X
X
DIA4
DIA3 DIA2
DIA1
Read DIAG Register
SI Control Byte
SI Data Byte
Note:
’X’ means ’don’t care’, because data will be ignored
’Dx’ represents the serial data bits, either being H (= OFF) or L (= ON)
’Mx’ enables parallel control of channel x H (=parallel) or L (=serial)
’Z’ means tri-state
’F’ is the common fault flag
’OT’ is the common over-temperature flag
’DIAx’ is the 2 bit diagnosis information per channel
All other possible control bytes will lead to an ignorance of the data bits, but the full diagnosis
information (like RD_DIAG command) is provided at the SO line. A reset of all fault registers
(and OT bit) the will only be done if the RD_DIAG command was clocked in.
Characteristics of the SPI Interface
If the slave select signal at CS is High or bit 7 and bit 6 of the instruction byte differ from „1“
and „0“, the state machine is set on default condition, i.e. the state machine expects an in-
struction.
If the 5V-reset (RESET) is active, the SPI output SO is switched into tri-state.
In order to increase the possible number of SPI participants on one and the same CS signal,
bits 7 and 6 of the instruction byte are fixed as shown above. While receiving the first two bits
of the instruction byte the data output SO has to be in tri-state. After having received the first
two bits TLE6232 has to decide if it is addressed (bit 7 = high, bit 6 = low). In this case the re-
maining 6 bits of the instruction byte and the data byte are accepted and the diagnostic feed-
back respectively the data byte content (MUX, SCON) is sent to the microcontroller. Otherwise
instruction and data bits are rejected and SO remains in tri-state.
On a reading access the bit pattern of the data byte at the SPI input SI will be ignored. The
first SO byte sent out simultaneously by the TLE 6232 GP always contains the common fault
bit, the over-temperature bit and the diagnostic information of channels 6 and 5 (2 bits each).
Depending on the SI control byte, the second SO byte contains the requested information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com