Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6232 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6232
Description  Smart Six Channel Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6232 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6232 Datasheet HTML 10Page - Infineon Technologies AG TLE6232 Datasheet HTML 11Page - Infineon Technologies AG TLE6232 Datasheet HTML 12Page - Infineon Technologies AG TLE6232 Datasheet HTML 13Page - Infineon Technologies AG TLE6232 Datasheet HTML 14Page - Infineon Technologies AG TLE6232 Datasheet HTML 15Page - Infineon Technologies AG TLE6232 Datasheet HTML 16Page - Infineon Technologies AG TLE6232 Datasheet HTML 17Page - Infineon Technologies AG TLE6232 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet TLE 6232 GP
V1.2
Page
08.Oct. 2003
14
Description of the SPI Registers
(SPI Instructions: RD_DIAG)
Register:
DIAG_REG1
7
6
5
4
3
2
1
0
ST7
ST6
ST5
ST4
ST3
ST2
ST1
ST0
State of
Reset:
FFH
Access by
Controller:
Read only
Bit
Name
Description
7-6
DIA4
Diagnostic Bits of power stage 4
5-4
DIA3
Diagnostic Bits of power stage 3
3-2
DIA2
Diagnostic Bits of power stage 2
1-0
DIA1
Diagnostic Bits of power stage 1
Note:
This byte is always clocked out (second SO-byte), except the SI control words says:
RD_SCON or RD_MUX. But: The content of the fault register will only be deleted if the control command
’RD_DIAG’ was clocked in and 16 clock pulses were counted.
Register:
DIA_REG2
7
6
5
4
3
2
1
0
Z
Z
F
OT
ST11
ST10
ST9
ST8
State of
Reset:
FFH
Access by
Controller:
Read only
Bit
Name
Description
7-6
Z
Bit 7 and 6 are always tri-state
5
F
Common error flag
4
OT
Common over-temperature flag
3-2
DIA6
Diagnostic Bits of power stage 6
1-0
DIA5
Diagnostic Bits of power stage 5
Encoding of the Diagnostic (Status) Bits of the Power Stages
ST(2*x-1)
ST(2*x-2)
State of power stage x
x = 1..6
1
1
Power stage o.k.
1
0
Overload, short circuit to battery (SCB) or over-temperature (OT)
0
1
Open load (OL)
0
0
Short circuit to ground (SCG)
Note:DIA_REG2 is always clocked out as first byte
F, OT Bit = 1: No Fault
F, OT Bit = 0: Fault, Over-temperature
The over-temperature bit is the latched result of an OR-operation out of the 6 signals of the
temperature sensor)
The general fault bit shows the fault occurrence at any of the outputs.
Reset of the Diagnostic Information
The diagnostic information will only be reset after the RD_DIAG command on the rising edge
of slave select or a reset signal is applied (RESET = low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com