Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6232 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6232
Description  Smart Six Channel Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6232 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6232 Datasheet HTML 1Page - Infineon Technologies AG TLE6232 Datasheet HTML 2Page - Infineon Technologies AG TLE6232 Datasheet HTML 3Page - Infineon Technologies AG TLE6232 Datasheet HTML 4Page - Infineon Technologies AG TLE6232 Datasheet HTML 5Page - Infineon Technologies AG TLE6232 Datasheet HTML 6Page - Infineon Technologies AG TLE6232 Datasheet HTML 7Page - Infineon Technologies AG TLE6232 Datasheet HTML 8Page - Infineon Technologies AG TLE6232 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet TLE 6232 GP
V1.2
Page
08.Oct. 2003
3
Pin Description
Pin Configuration (Top view)
Pin
Symbol
Function
1
GND
Ground
2
NC
not connected
3
OUT5
Power Output Channel 5
4
NC
not connected
5
OUT1
Power Output Channel 1
6
IN5
Input Channel 5
7
IN1
Input Channel 1
8
Vs
Supply Voltage
9
RESET
Reset
10
CS
Slave Select
11
PRG
Program (inputs high or low-active)
12
IN2
Input Channel 2
13
IN6
Input Channel 6
14
OUT2
Power Output Channel 2
15
NC
not connected
16
OUT6
Power Output Channel 6
17
NC
not connected
18
GND
Ground
19
GND
Ground
20
NC
not connected
21
NC
not connected
22
NC
not connected
23
OUT3
Power Output Channel 3
24
NC
not connected
25
IN3
Input Channel 3
26
FAULT
General Fault Flag
27
SO
Serial Data Output
28
SCLK
Serial Clock
29
SI
Serial Data Input
30
IN4
Input Channel 4
31
NC
not connected
32
OUT4
Power Output Channel 4
33
NC
not connected
34
NC
not connected
35
NC
not connected
36
GND
Ground
Heat Slug internally connected to ground pins
GND
1
•
36
GND
NC
2
35
NC
OUT5
3
34
NC
NC
4
33
NC
OUT1
5
32 OUT4
IN5
6
31
NC
IN1
7
30
IN4
VS
8
29
SI
RESET
9
28 SCLK
CS
10
27
SO
PRG
11
26 FAULT
IN2
12
25
IN3
IN6
13
24
NC
OUT2
14
23 OUT3
NC
15
22
NC
OUT6
16
21
NC
NC
17
20
NC
GND
18
19
GND
Power SO 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com