Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6232 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6232
Description  Smart Six Channel Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6232 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6232 Datasheet HTML 8Page - Infineon Technologies AG TLE6232 Datasheet HTML 9Page - Infineon Technologies AG TLE6232 Datasheet HTML 10Page - Infineon Technologies AG TLE6232 Datasheet HTML 11Page - Infineon Technologies AG TLE6232 Datasheet HTML 12Page - Infineon Technologies AG TLE6232 Datasheet HTML 13Page - Infineon Technologies AG TLE6232 Datasheet HTML 14Page - Infineon Technologies AG TLE6232 Datasheet HTML 15Page - Infineon Technologies AG TLE6232 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data Sheet TLE 6232 GP
V1.2
Page
08.Oct. 2003
12
- Read back of SCON_REG (SCON bits 6 to 1 and two high bits)
- Read back of MUX_REG (MUX information for channel 6 to 1 and two high bits)
- Diagnostic information of channel 4 to 1 (2 bits per channel)
On a writing access always the full diagnostic information of the 6 channels (2 bit per channel)
and the over-temperature and common fault bit is performed.
Invalid instruction/access:
An instruction is invalid, if the following condition is fulfilled:
- an unused instruction code is detected (see tables with SPI instructions).
If an invalid instruction is detected, a writing access on a register of TLE6232 GP is not allow-
wed. In addition an access is invalid if the number of SPI clock pulses counted during active
CS differs from exactly 16 clock pulses (falling edges are counted).
- On a writing access the received data is only taken over into the internal registers and
- the fault register is only cleared by the RD_DIAG command,
if exactly 16 SPI clock pulses were counted while CS active.
Writing access / 8 bit + 8 bit resp.
SPI Instruction
SS
SI
SO
MSB
Data/8 Bit
SS
DIA4 DIA3 DIA2 DIA1
MSB
MSB
Z
Z
F OT DIA6 DIA5
10
-
-
--
-
-
SPI Instruction
SI
SO
MSB
XXXX XXXX
MSB
MSB
Z
Z
OT DIA6 DIA5
F
10
-
-
--
-
-
Reading access / 8 bit + 8 bit
Data/8 Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com