Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6232 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6232
Description  Smart Six Channel Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6232 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6232 Datasheet HTML 9Page - Infineon Technologies AG TLE6232 Datasheet HTML 10Page - Infineon Technologies AG TLE6232 Datasheet HTML 11Page - Infineon Technologies AG TLE6232 Datasheet HTML 12Page - Infineon Technologies AG TLE6232 Datasheet HTML 13Page - Infineon Technologies AG TLE6232 Datasheet HTML 14Page - Infineon Technologies AG TLE6232 Datasheet HTML 15Page - Infineon Technologies AG TLE6232 Datasheet HTML 16Page - Infineon Technologies AG TLE6232 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet TLE 6232 GP
V1.2
Page
08.Oct. 2003
13
Serial/Parallel Control of the Power Stages 1...6
(SPI-Instructions: WR_MUX, RD_MUX, WR_SCON, RD_SCON)
The following table shows the truth table for the control of the power stages 1...6. The register
MUX_REG prescribes parallel or serial control of the power stages. The register SCON_REG
prescribes the state of the power stage in case of serial control.
RST
PRG
INx
MUXx
SCONx Output OUTx of Power Stage x, x = 1..6
0
X
X
X
X
OUTx off
1
X
X
0
0
Serial Control: OUTx on
1
X
X
0
1
Serial Control: OUTx off
1
0
0
1
X
Parallel Control: OUTx on
1
0
1
1
X
Parallel Control: OUTx off
1
1
0
1
X
Parallel Control: OUTx off
1
1
1
1
X
Parallel Control: OUTx on
Note: Serial Data bits are low active. Parallel Inputs are high or low active depending on the PRG pin.
Description of the SPI Registers
Register:
MUX_REG
7
6
5
4
3
2
1
0
MUX6
MUX5
MUX4
MUX3
MUX2
MUX1
1
1
State of
Reset:
FFH
Access by
Controller:
Read/Write
Bit
Name
Description
7
MUX6
Serial or parallel control of power stage 6
6
MUX5
Serial or parallel control of power stage 5
5
MUX4
Serial or parallel control of power stage 4
4
MUX3
Serial or parallel control of power stage 3
3
MUX2
Serial or parallel control of power stage 2
2
MUX1
Serial or parallel control of power stage 1
1-0
No function: HIGH on reading
Register:
SCON_REG
7
6
5
4
3
2
1
0
SCON6
SCON5
SCON4
SCON3
SCON2
SCON1
1
1
State of
Reset:
FFH
Access by
Controller:
Read/Write
Bit
Name
Description
7
SCON6
State of serial control of power stage 6
6
SCON5
State of serial control of power stage 5
5
SCON4
State of serial control of power stage 4
4
SCON3
State of serial control of power stage 3
3
SCON2
State of serial control of power stage 2
2
SCON1
State of serial control of power stage 1
1-0
No function: HIGH on reading
Diagnostics/Encoding of Failures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com