Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3053 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3053
Description  ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3053_14 Datasheet HTML 4Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 5Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 6Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 7Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 8Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 9Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 10Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 11Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Detailed Description
The MAX3053 interfaces between the protocol controller
and the physical wires of a CAN bus. It is primarily intend-
ed for industrial applications requiring data rates up to
2Mbps and features ±80V fault protection against shorts
in high-voltage systems. This fault protection allows the
device to withstand up to ±80V with respect to ground
with no damage to the device. The built-in fault tolerance
allows the device to survive in industrial and automotive
environments with no external protection devices. The
device provides differential transmit capability to the bus
and differential receive capability to the CAN controller
(Figure 4).
The device has three modes of operations: high-speed,
slope control, and shutdown. In high-speed mode, slew
rates are not limited, making 2Mbps transmission speeds
possible. Slew rates are controlled in slope control mode,
minimizing EMI and allowing use of unshielded twisted or
parallel cable. The device goes into low-power operation
in shutdown mode.
The transceiver is designed to operate from a single +5V
supply, and draws 56mA of supply current in dominant
state and 3.6mA in recessive state. In shutdown mode,
supply current is reduced to 15μA.
CANH and CANL are output short circuit current limited
and are protected against excessive power dissipation by
thermal-shutdown circuitry that places the driver outputs
into a high-impedance state.
Fault Protection
The MAX3053 features ±80V fault protection. This extend-
ed voltage range of CANH and CANL bus lines allows its
use in high-voltage systems and communicating to high-
voltage buses. If data is transmitting at 2Mbps, the fault
protection is reduced to ±70V.
Transmitter
The transmitter converts a single-ended input (TXD) from
the CAN controller to differential outputs for the bus lines
(CANH, CANL). Table 1 is the truth table for the transmit-
ter and receiver.
High Speed
Connect RS to ground to set the MAX3053 to highspeed
mode. When operating in high-speed mode, the MAX3053
can achieve transmission rates up to 2Mbps. Line drivers
are switched on and off as quickly as possible. However,
in this mode, no measures are taken to limit the rise and
fall slope of the data signal, allowing for potential EMI
emissions. If using the MAX3053 in high-speed mode,
use shielded twisted-pair cable to avoid EMI problems.
Figure 4. Block Diagram
THERMAL
SHUTDOWN
CANH
VCC
TXD
RS
RXD
CANL
GND
AUTOSHUTDOWN
TRANSMITTER
CONTROL
MODE
SELECTION
RECEIVER
WAKE
0.75V
7.5V
SHDN
MAX3053
MAX3053
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com