Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3053 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3053
Description  ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3053_14 Datasheet HTML 4Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 5Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 6Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 7Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 8Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 9Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 10Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 11Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Additionally, a current-limiting circuit protects the trans-
mitter output stage against a short circuit to positive and
negative battery voltage. Although the power dissipation
increases during this fault condition, this feature prevents
destruction of the transmitter output stage.
Applications Information
Reduced EMI and Reflections
In slope control mode, the CANH, CANL outputs are
slew-rate limited, minimizing EMI and reducing reflections
caused by improperly terminated cables. In general, a
transmitter’s rise time relates directly to the length of an
unterminated stub, which can be driven with only minor
waveform reflections. The following equation expresses
this relationship conservatively:
Length = tRISE / (10 x 1.5ns/ft)
where tRISE is the transmitter’s rise time. See Figures 5,
6, and 7 for typical waveforms at various data rates.
The MAX3053 requires no special layout considerations
beyond common practices. Bypass VCC to GND with a
1μF ceramic capacitor mounted close to the IC with short
lead lengths and wide trace widths.
Figure 5. Output Bus in Slope Control Mode at 62.5kbps
Figure 7. Output Bus High-Speed Mode at 2Mbps
Figure 6. Output Bus in Slope Control Mode at 500kbps
CANH–CANL
5V/div
FFT
200mV/div
4.00µs
31.5kHz
RRS = 180kΩ
CANH–CANL
5V/div
FFT
200mV/div
100ns
1MHz
RRS = 0Ω
CANH–CANL
5V/div
FFT
200mV/div
400ns
250kHz
RRS = 24kΩ
1
2
3
4
8
7
6
5
RS
CANH
CANL
SHDN
RXD
VCC
GND
TXD
SO
TOP VIEW
MAX3053
MAX3053
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
www.maximintegrated.com
Maxim Integrated │ 10
Chip Information
TRANSISTOR COUNT: 1214
PROCESS: BiCMOS
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com