Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3053 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3053
Description  ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3053_14 Datasheet HTML 4Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 5Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 6Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 7Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 8Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 9Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 10Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 11Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Slope Control
Connect a resistor from RS to ground to select slope
control mode (see Table 2). In slope control mode, the
gates of the line drivers are charged with a controlled
current, proportional to the resistor connected to the RS
pin. Transmission speed ranges from 40kbps to 500kbps.
Controlling the rise and fall slope reduces EMI and allows
the use of an unshielded twisted pair or a parallel pair of
wires as bus lines. The transfer function for selecting the
resistor value is given by:
RRS (kΩ) = 12000 / speed (in kbps).
See the Typical Operating Characteristics for the Slew
Rate vs. RRS graph.
Shutdown
To place the MAX3053 in shutdown, the SHDN pin
should be driven to GND. In shutdown mode, the device
is switched off. The outputs are high impedance to ±80V.
Receiver
The receiver takes differential input from the bus lines
(CANH, CANL) and converts this data to a singleended
output (RXD) to the CAN controller. It consists of a compar-
ator that senses the difference ΔV = (CANH - CANL) with
respect to an internal threshold of 0.7V. If this difference is
positive (i.e., ΔV > 0.9V), a logic low is present at the RXD
pin. If negative (i.e., ΔV < 0.5V), a logic high is present.
The receiver always echoes the transmitted data.
The CANH and CANL common-mode range is from -7V
to +12V. RXD is logic high when CANH and CANL are
shorted or terminated and undriven.
Thermal Shutdown
If the junction temperature exceeds +160°C, the device is
switched off. The hysteresis is about 20°C, disabling ther-
mal shutdown once the temperature declines to +140°C
and the device is turned back on.
Autoshutdown
To manage power consumption, autoshutdown puts the
device into shutdown mode after the device has been
inactive for a period of time. The value of an external
capacitor (CSHDN) connected to SHDN determines the
threshold of inactivity time, after which the autoshutdown
triggers (see Typical Operating Characteristics).
Use a 100nF capacitor as CSHDN for a typical threshold
of 20ms. Change the capacitor value according to the
following equation to change the threshold time period:
(nf)
CC
I
(µA) TIME(ms)
C
(V
V
(V))
×
=
−
SHDN
SHDN
SHDN
Drive SHDN high to force the MAX3053 on and disable
autoshutdown.
When the MAX3053 is in shutdown mode, only the wake-
up comparator is active, and normal bus communication
is ignored. The remote master of the CAN system wakes
up the MAX3053 with a signal greater than 9V on CANH.
The local CAN controller wakes up the MAX3053 by driv-
ing SHDN high or TXD.
Driver Output Protection
The MAX3053 has several features to protect itself from
damage. Thermal shutdown switches off the device and
puts CANH and CANL into high impedance if the junc-
tion temperature exceeds +160°C. Thermal protection is
needed particularly when a bus line is short circuited. The
hysteresis for the thermal shutdown is about 20°C.
*X = Don’t care.
**As defined by ISO, bus value is one of two complementary logical values: dominant or recessive. The dominant value represents
the logical 0 and the recessive represents the logical 1. During the simultaneous transmission of the dominant and recessive bits, the
resulting bus value is dominant.
Table 1. Transmitter and Receiver Truth Table
Table 2. Mode Selection Truth Table
TXD
SHDN
CANH
CANL
BUS STATE
RXD
0
VSHDN > 1.5V
HIGH
LOW
Dominant**
0
1 or float
VSHDN > 1.5V
5Ω to 25kΩ to VCC/2 5Ω to 25kΩ to VCC/2
Recessive**
1
X*
VSHDN < 0.5V
Floating
Floating
Floating
1
CONDITION
FORCED AT PIN RS
MODE
RESULTING
CURRENT AT RS
VRS < 0.3VCC
High speed
|IRS| < 500µA
0.4VCC < VRS <
0.6VCC
Slope control 10µA < |IRS| < 200µA
MAX3053
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com