Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3053 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3053
Description  ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3053_14 Datasheet HTML 1Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 2Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 3Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 4Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 5Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 6Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 7Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 8Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
(VCC = +5V, RL = 60Ω, CL = 100pF, TA = +25°C, unless otherwise specified.)
0
20
10
40
30
50
60
70
80
0
100 150
50
200 250 300 350 400
AUTOSHUTDOWN vs. CSHDN
CSHDN (nF)
30
28
26
24
22
20
0
1000
500
1500
2000
SUPPLY CURRENT vs. DATA RATE
50% DUTY CYCLE
DATA RATE (kbps)
TA = +125°C
TA = -40°C
TA = +25°C
40
35
30
25
20
15
-50
20
-15
55
90
125
RECEIVER PROPAGATION DELAY vs.
TEMPERATURE (RECESSIVE TO DOMINANT)
TEMPERATURE (°C)
35
30
25
20
15
-40
26
-7
59
92
125
DRIVER PROPAGATION DELAY
vs. TEMPERATURE, RRS = GND
TEMPERATURE (°C)
DOMINANT
RECESSIVE
1600
1200
800
400
0
0
10
5
15
20
25
RECEIVER OUTPUT LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
TA = -40°C
TA = +25°C
TA = +125°C
3.0
2.4
1.8
1.2
0.6
0
0
10
5
15
20
25
RECEIVER OUTPUT HIGH
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
TA = -40°C
TA = +25°C
TA = +125°C
25
20
15
10
5
0
20
110
65
155
200
SLEW RATE vs. RRS
RRS (kΩ)
TA = -40°C
TA = +125°C
TA = +25°C
5
4
3
2
1
0
0
100
50
150
250
200
300
DIFFERENTIAL VOLTAGE (CANH - CANL)
vs. DIFFERENTIAL LOAD RL
DIFFERENTIAL LOAD RL (Ω)
TA = +25°C
TA = -40°C
TA = +125°C
RECEIVER PROPAGATION DELAY
(DOMINANT TO RECESSIVE)
MAX3053 toc09
40ns/div
DIFFERENTIAL
INPUT
2V/div
MAX3053
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com