Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3053 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3053
Description  ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3053_14 Datasheet HTML 2Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 3Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 4Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 5Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 6Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 7Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 8Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 9Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
(VCC = +5V, RL = 60Ω, CL = 100pF, TA = +25°C, unless otherwise specified.)
PIN
NAME
FUNCTION
1
TXD
Transmit Data Input. TXD is a CMOS/TTL-compatible input from a CAN controller.
2
GND
Ground
3
VCC
Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
4
RXD
Receive Data Output. RXD is a CMOS/TTL-compatible output from the physical bus lines CANH and CANL.
5
SHDN
Shutdown Input. Drive SHDN low to put the MAX3053 in shutdown mode. See the Detailed Description
section for a full explanation of SHDN behavior.
6
CANL
CAN Bus Line LOW. CANL is fault protected to ±80V.
7
CANH
CAN Bus Line HIGH. CANH is fault protected to ±80V.
8
RS
Mode Select Pin. Drive RS low or connect to GND for high-speed operation. Connect a resistor from RS to
GND to control output slope. See the Mode Selection section.
DRIVER PROPAGATION DELAY
MAX3053 toc10
40ns/div
RRS = GND
2V/div
TXD
CANH - CANL
DRIVER PROPAGATION DELAY
MAX3053 toc11
400ns/div
TXD
CANH - CANL
RRS = 24kΩ
5V/div
1V/div
RRS = 100kΩ
RRS = 180kΩ
MAX3053
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
www.maximintegrated.com
Maxim Integrated │ 6
Pin Description
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com