Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3053 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3053
Description  ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3053_14 Datasheet HTML 1Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 2Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 3Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 4Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 5Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 6Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 7Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 8Page - Maxim Integrated Products MAX3053_14 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VCC = +5V ±10%, RL = 60Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and
TA = +25°C.) (Figures 1, 2, and 3)
Note 1: As defined by ISOSHDN, bus value is one of two complementary logical values: dominant or recessive. The dominant value
represents the logical 1 and the recessive represents the logical 0. During the simultaneous transmission of the dominant
and recessive bits, the resulting bus value is dominant. For MAX3053 values, see the truth table in the Transmitter and
Receiver sections.
Note 2: The ESD structures do not short out CANH and CANL under an ESD event while -7V < CANH, CANL < +12V.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Bit Time
tBIT
VRS = 0 (2Mbps)
0.5
µs
RRS = 24kΩ (500kbps)
2
RRS = 100kΩ (125kbps)
8
RRS = 180kΩ (62.5kbps)
25
Delay TXD to Bus Active
tONTXD
VRS = 0
40
ns
Delay TXD to Bus Inactive
tOFFTXD
VRS = 0
75
ns
Delay TXD to Receiver Active
tONRXD
VRS = 0 (2Mbps)
120
ns
RRS = 24kΩ (500kbps)
0.4
µs
RRS = 100kΩ (125kbps)
1.6
RRS = 180kΩ (62.5kbps)
5.0
Delay TXD to Receiver Inactive
tOFFRXD
VRS = 0 (2Mbps)
130
ns
RRS = 24kΩ (500kbps)
0.45
µs
RRS = 100kΩ (125kbps)
1.6
RRS = 180kΩ (62.5kbps)
5.0
Differential Output Slew Rate
|SR|
RRS = 24kΩ (500kbps)
14
V/µs
RRS = 100kΩ (125kbps)
7
RRS = 180kΩ (62.5kbps)
1.6
Time to Wakeup: CANH > 9V
tWAKE
SHDN = GND, VTXD = VCC
10
µs
Time to Sleep Mode when Bus Is
Recessive
tSHDN
CSHDN = 100nF
10
47
ms
MAX3053
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
www.maximintegrated.com
Maxim Integrated │ 4
Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com