Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4PI Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 73Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 74Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 75Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 76Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 77Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 78Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 79Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 80Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 126 page
background image
77
AT90S/LS4433
1042H–AVR–04/03
Figure 55. Port B Schematic Diagram (Pin PB5)
Port C
Port C is a 6-bit bi-directional I/O port.
Three I/O memory address locations are allocated for the Port C, one each for the Data
Register – PORTC, $15($35), Data Direction Register – DDRC, $14($34), and the Port
C Input Pins – PINC, $13($33). The Port C Input Pins address is read only, while the
Data Register and the Data Direction Register are read/write.
All port pins have individually selectable pull-up resistors. The Port C output buffers can
sink 20 mA and thus drive LED displays directly. When pins PC0 to PC5 are used as
inputs and are externally pulled low, they will source current if the internal pull-up resis-
tors are activated.
Port C has an alternate function as analog inputs for the ADC. If some Port C pins are
configured as outputs, it is essential that these do not switch when a conversion is in
progress. This might corrupt the result of the conversion.
During Power-down mode, the Schmitt triggers of the digital inputs are disconnected.
This allows an analog voltage close to V
CC/2 to be present during Power-down without
causing excessive power consumption.
D
D
Q
Q
RESET
RESET
C
C
WD
WP
RD
MOS
PULL-
UP
PB5
R
R
WP:
WD:
RL:
RP:
RD:
SPE:
MSTR
WRITE PORTB
WRITE DDRB
READ PORTB LATCH
READ PORTB PIN
READ DDRB
SPI ENABLE
MASTER SELECT
DDB5
PORTB5
SPE
MSTR
SPI CLOCK
OUT
SPI CLOCK
IN
RL
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com