Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4PI Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 9Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 10Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 11Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 12Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 13Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 14Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 15Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 16Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
13
AT90S/LS4433
1042H–AVR–04/03
I/O Direct
Figure 12. I/O Direct Addressing
Operand address is contained in six bits of the instruction word. n is the destination or
source register address.
Data Direct
Figure 13. Direct Data Addressing
A 16-bit data address is contained in the 16 LSBs of a two-word instruction. Rd/Rr spec-
ify the destination or source register.
Data Indirect with
Displacement
Figure 14. Data Indirect with Displacement
Operand address is the result of the Y- or Z-register contents added to the address con-
tained in six bits of the instruction word.
OP
Rr/Rd
16
31
15
0
16 LSBs
$0000
$00DF
20 19
Data Space
Data Space
$0000
$00DF
Y OR Z - REGISTER
OP
a
n
0
0
5
6
10
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com