Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4PI Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 29Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 30Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 31Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 32Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 33Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 34Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 35Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 36Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 126 page
background image
33
AT90S/LS4433
1042H–AVR–04/03
Timer/Counters
The AT90S4433 provides two general purpose Timer/Counters – one 8-bit T/C and one
16-bit T/C. Timer/Counters0 and 1 have individual prescaling selection from the same
10-bit prescaling timer. These Timer/Counters can either be used as a Timer with an
internal clock time base or as a counter with an external pin connection that triggers the
counting.
Timer/Counter Prescaler
Figure 30. Prescaler for Timer/Counter0 and 1
For Timer/Counters0 and 1, the four different prescaled selections are CK/8, CK/64,
CK/256, and CK/1024, where CK is the Oscillator clock. For the two Timer/Counters0
and 1, external source and stop can also be selected as clock sources.
8-bit Timer/Counter0
The 8-bit Timer/Counter0 can select clock source from CK, prescaled CK or an external
pin. In addition, it can be stopped as described in the specification for the
Timer/Counter0 Control Register (TCCR0). The Overflow Status Flag is found in the
Timer/Counter Interrupt Flag Register (TIFR). Control signals are found in the
Timer/Counter0 Control Register (TCCR0). The interrupt enable/disable settings for
Timer/Counter0 are found in the Timer/Counter Interrupt Mask Register (TIMSK).
When Timer/Counter0 is externally clocked, the external signal is synchronized with the
Oscillator frequency of the CPU. To assure proper sampling of the external clock, the
minimum time between two external clock transitions must be at least one internal CPU
clock period. The external clock signal is sampled on the rising edge of the internal CPU
clock.
The 8-bit Timer/Counter0 features both a high resolution and a high-accuracy usage
with the lower prescaling opportunities. Similarly, the high prescaling opportunities make
the Timer/Counter0 useful for lower speed functions or exact timing functions with infre-
quent actions. Figure 31 shows the block diagram for Timer/Counter0.
TCK1
TCK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com