Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4PI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 2Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 3Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 4Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 5Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 6Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 7Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 8Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 9Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
6
AT90S/LS4433
1042H–AVR–04/03
Clock Options
Crystal Oscillator
XTAL1 and XTAL2 are input and output, respectively, of an inverting amplifier, which
can be configured for use as an On-chip Oscillator, as shown in Figure 2 and Figure 3.
Either a quartz crystal or a ceramic resonator may be used.
External Clock
If the Oscillator is to be used as a clock for an external device, the clock signal from
XTAL2 may be routed to one HC buffer while reducing the load capacitor by 5 pF, as
shown in Figure 3. To drive the device from an external clock source, XTAL2 should be
left unconnected while XTAL1 is driven as shown in Figure 4.
Figure 2. Oscillator Connections
Figure 3. Using MCU Oscillator as a Clock for an External Device
Figure 4. External Clock Drive Configuration
XTAL1
REDUCE BY 5PF
MAX 1 HC BUFFER
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com