Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4PI Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT90LS4433-4PI Datasheet HTML 34Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 35Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 36Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 37Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 38Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 39Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 40Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 41Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 126 page
background image
38
AT90S/LS4433
1042H–AVR–04/03
Timer/Counter1 Control
Register B – TCCR1B
• Bit 7 – ICNC1: Input Capture1 Noise Canceler (4 CKs)
When the ICNC1 bit is cleared (zero), the Input Capture trigger Noise Canceler function
is disabled. The Input Capture is triggered at the first rising/falling edge sampled on the
ICP (Input Capture Pin) as specified. When the ICNC1 bit is set (one), four successive
samples are measured on the ICP (Input Capture Pin), and all samples must be
high/low according to the input capture trigger specification in the ICES1 bit. The actual
sampling frequency is the XTAL clock frequency.
• Bit 6 – ICES1: Input Capture1 Edge Select
While the ICES1 bit is cleared (zero), the Timer/Counter1 contents are transferred to the
Input Capture Register (ICR1) on the falling edge of the Input Capture Pin (ICP). While
the ICES1 bit is set (one), the Timer/Counter1 contents are transferred to the Input Cap-
ture Register (ICR1) on the rising edge of the Input Capture Pin (ICP).
• Bits 5, 4 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and always read as zero.
• Bit 3 – CTC1: Clear Timer/Counter1 on Compare Match
When the CTC1 control bit is set (one), the Timer/Counter1 is reset to $0000 in the clock
cycle after a Compare Match. If the CTC1 control bit is cleared, Timer/Counter1 contin-
ues counting and is unaffected by a Compare Match. Since the compare match is
detected in the CPU clock cycle following the match, this function will behave differently
when a prescaling higher than 1 is used for the Timer. When a prescaling of 1 is used
and the Compare Register is set to C, the timer will count as follows if CTC1 is set:
... | C-2 | C-1 | C | 0 | 1 | ...
When the prescaler is set to divide by 8, the timer will count like this:
... | C-2, C-2, C-2, C-2, C-2, C-2, C-2, C-2 | C-1, C-1, C-1, C-1, C-1, C-1, C-1, C-1 | C, 0,
0, 0, 0, 0, 0, 0 | 1, 1, 1, 1, 1, 1, 1, 1| ...
In PWM mode, this bit has no effect.
Bit
7
6
5
4
3
2
1
0
$2E ($4E)
ICNC1
ICES1
–
–
CTC1
CS12
CS11
CS10
TCCR1B
Read/Write
R/W
R/W
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com