Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4PI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90LS4433-4PI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90LS4433-4PI Datasheet HTML 1Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 2Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 3Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 4Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 5Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 6Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 7Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 8Page - ATMEL Corporation AT90LS4433-4PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
1
Features
• High-performance and Low-power AVR® 8-bit RISC Architecture
– 118 Powerful Instructions – Most Single Cycle Execution
– 32 x 8 General Purpose Working Registers
– Up to 8 MIPS Throughput at 8 MHz
• Data and Non-volatile Program Memory
– 4K Bytes of In-System Programmable Flash
Endurance 1,000 Write/Erase Cycles
– 128 Bytes of SRAM
– 256 Bytes of In-System Programmable EEPROM
Endurance: 100,000 Write/Erase Cycles
– Programming Lock for Flash Program and EEPROM Data Security
• Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler
– Expanded 16-bit Timer/Counter with Separate Prescaler,
Compare, Capture Modes and 8-, 9-, or 10-bit PWM
– On-chip Analog Comparator
– Programmable Watchdog Timer with Separate On-chip Oscillator
– Programmable UART
– 6-channel, 10-bit ADC
– Master/Slave SPI Serial Interface
• Special Microcontroller Features
– Brown-out Reset Circuit
– Enhanced Power-on Reset Circuit
– Low-power Idle and Power-down Modes
• Power Consumption at 4 MHz, 3V, 25°C
– Active: 3.4 mA
– Idle Mode: 1.4 mA
– Power-down Mode: <1 µA
• I/O and Packages
– 20 Programmable I/O Lines
– 28-lead PDIP and 32-lead TQFP
• Operating Voltage
– 2.7V - 6.0V for the AT90LS4433
– 4.0V - 6.0V for the AT90S4433
• Speed Grades
– 0 - 4 MHz for the AT90LS4433
– 0 - 8 MHz for the AT90S4433
8-bit
Microcontroller
with 4K Bytes of
In-System
Programmable
Flash
AT90S4433
AT90LS4433
Not Recommend for
New Designs. Use
ATmega8.
Rev. 1042H–AVR–04/03


Similar Part No. - AT90LS4433-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90LS4433-4PI ATMEL-AT90LS4433-4PI Datasheet
323Kb / 13P
8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
More results

Similar Description - AT90LS4433-4PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
8-Bit Microcontroller with 4K bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16 Datasheet
2Mb / 315P
8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_06 Datasheet
3Mb / 347P
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com