Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9531 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9531 Datasheet HTML 45Page - Analog Devices AD9531 Datasheet HTML 46Page - Analog Devices AD9531 Datasheet HTML 47Page - Analog Devices AD9531 Datasheet HTML 48Page - Analog Devices AD9531 Datasheet HTML 49Page - Analog Devices AD9531 Datasheet HTML 50Page - Analog Devices AD9531 Datasheet HTML 51Page - Analog Devices AD9531 Datasheet HTML 52Page - Analog Devices AD9531 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
Data Sheet
AD9531
ADDITIONAL FEATURES
POWER-ON RESET (POR)
Applying power to the AD9531 causes an internal power-on
reset (POR) event. The POR event expires approximately 20 ms
after the supply voltages reach 80% of their nominal value. The
POR event allows the device to initialize to a known state at
power-up by initiating a ROM load sequence (see the ROM
Profiles section). Note that the POR event is critical to the
operation of the multifunction pins.
ROM PROFILES
The AD9531 has an integrated ROM partitioned into 64 groups.
Each group constitutes a ROM profile. Each ROM profile stores
data that maps to particular SPI registers and establishes the
register default values. That is, the register default values
depend on the current ROM profile selection. Therefore, the
ROM label for the default value is in the Register Map for those
registers mapped to the ROM.
At power-up, one of the first 16 ROM profiles is loaded into the
register map per the multifunction pins (see the Multifunction
Pins (LDET1/M1, LDET2/M2, LDET3/M3, LOR/M4) section
for more information). However, the user can select any one of
the 64 possible ROM profiles by writing the desired profile value
(from 0 to 63) into Register 0x000E, Bits[D5:D0] (this register does
not require an input/output update). Writing to Register 0x000E
results in an immediate download of the ROM profile contents
into the register map and a reset of all PLLs. This reset means that
each PLL must be calibrated and synchronized (as applicable),
unless the ROM profile contains the requisite calibrate and sync
commands.
A listing of the register default values associated with each
ROM profile appears in the ROM Profile Data section.
Furthermore, reading Register 0x000E allows the user to obtain
the index value of the most recently loaded ROM profile.
MULTIFUNCTION PINS (LDET1/M1, LDET2/M2,
LDET3/M3, LOR/M4)
During a POR event, the LDET1/M1, LDET2/M2, LDET3/M3,
and LOR/M4 pins function as inputs and constitute four ROM
profile select pins. The logic level on these pins during the POR
event constitutes a 4-bit binary word, M4-M3-M2-M1, that selects
one of the first 16 ROM profiles, with M4 denoting the most
significant bit (MSB) and M1 the least significant bit (LSB). For
example, during a POR event, if the logic level on the pins, M4-
M3-M2-M1, is 0-1-0-0, respectively, then the AD9531
automatically loads ROM Profile 4.
Upon expiration of the POR event, the multifunction pins
revert from Mx inputs to LDETx and LOR outputs. Note that,
when the LDETx and LOR pins function as output signals, each pin
is independently capable of 1.8 V or 3.3 V CMOS logic levels. The
output logic level for each pin depends on its associated 3.3 V mode
bit in Register 0x0083 and Register 0x0084.
When configuring these multifunction pins for 3.3 V operation,
the pins make use of a booster circuit that generates 3.3 V from
internally available 1.8 V supply domains. This generation has
an impact on the 3.3 V operating mode of the LOR/M1 pin in
particular, as it requires PLL2 to be active (powered up). The
reason for this requirement is that the LOR/M1 pin uses the
internal 1.8 V supply domain associated with PLL2. Therefore,
powering down PLL2 shuts down the 1.8 V source that supplies
the booster circuit of the LOR/M1 pin. Furthermore, when
operating the LOR or LDETx pins in 3.3 V mode, it is best to
program the logical sense of the pin such that it is normally in a
Logic 0 state. That is, when using the LOR pin in 3.3 V mode,
program the pin to produce Logic 0 during normal operation
(when an LOR condition does not exist). Likewise, when using
the LDETx pins in 3.3 V mode, program them to produce Logic 0
during normal operation (when a lock condition exists).
Using the Mx Pins with 1.8 V, 3.3 V, or 1.5 V CMOS Logic
A functional diagram of a representative Mx pin is shown in
Figure 25. During a POR event (see the Power-On Reset (POR)
section), S1 is in the POR position, which connects each Mx pin
to its own internal 1.8 V CMOS receiver. After a POR event, S1
is in the NORM position, which connects each Mx pin to its
own internal CMOS driver (capable of either 1.8 V or 3.3 V
logic levels, per Register 0x0083 and Register 0x0084).
Therefore, except for the brief interval of time during a POR
event, the Mx pins operate with S1 in the NORM position,
which constitutes normal device operation.
POR
NORM
Mx
AD9531
1.8V
S1
Figure 25. Functional Diagram of an Mx Pin
See the Interfacing to the Multifunction Pins section in the
Applications Information section for details on interfacing the
Mx pins to 1.8 V, 3.3 V, or 1.5 V CMOS logic.
Rev. 0 | Page 49 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com