Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9531 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9531 Datasheet HTML 70Page - Analog Devices AD9531 Datasheet HTML 71Page - Analog Devices AD9531 Datasheet HTML 72Page - Analog Devices AD9531 Datasheet HTML 73Page - Analog Devices AD9531 Datasheet HTML 74Page - Analog Devices AD9531 Datasheet HTML 75Page - Analog Devices AD9531 Datasheet HTML 76Page - Analog Devices AD9531 Datasheet HTML 77Page - Analog Devices AD9531 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
AD9531
Data Sheet
Address
Bits
Bit Name
Description
[D2:D1]
Polarity [1:0]
Configure OUT2_9x polarity as follows (applies to CMOS only):
00: OUT2_9P normal, OUT2_9N inverted.
01: OUT2_9P normal, OUT2_9N normal.
10: OUT2_9P inverted, OUT2_9N inverted.
11: OUT2_9P inverted, OUT2_9N normal.
D0
Power-down
0: OUT2_9x driver active.
1: OUT2_9x driver powered down.
0x0213
[D7:D6]
Unused
Unused.
[D5:D3]
Logic mode [2:0]
Configure the OUT2_10x output driver as follows:
000: disabled.
001: HSTL.
010: undefined.
011: undefined.
100: 1.8 V CMOS, OUT2_10P active, OUT2_10N active.
101: 1.8 V CMOS, OUT2_10P active, OUT2_10N disable.
110: 1.8 V CMOS, OUT2_10P disable, OUT2_10N active.
111: undefined.
[D2:D1]
Polarity [1:0]
Configure OUT2_10x polarity as follows (applies to CMOS only):
00: OUT2_10P normal, OUT2_10N inverted.
01: OUT2_10P normal, OUT2_10N normal.
10: OUT2_10P inverted, OUT2_10N inverted.
11: OUT2_10P inverted, OUT2_10N normal.
D0
Power-down
0: OUT2_10x driver active.
1: OUT2_10x driver powered down.
0x0214
[D7:D6]
Unused
Unused.
[D5:D3]
Logic mode [2:0]
Configure the OUT2_11x output driver as follows:
000: disabled.
001: HSTL.
010: undefined.
011: undefined.
100: 1.8 V CMOS, OUT2_11P active, OUT2_11N active.
101: 1.8 V CMOS, OUT2_11P active, OUT2_11N disabled.
110: 1.8 V CMOS, OUT2_11P disabled, OUT2_11N active.
111: undefined.
[D2:D1]
Polarity [1:0]
Configure OUT2_11x polarity as follows (applies to CMOS only):
00: OUT2_11P normal, OUT2_11N inverted.
01: OUT2_11P normal, OUT2_11N normal.
10: OUT2_11P inverted, OUT2_11N inverted.
11: OUT2_11P inverted, OUT2_11N normal.
D0
Power-down
0: OUT2_11x driver active.
1: OUT2_11x driver powered down.
Rev. 0 | Page 74 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com