Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9531 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9531 Datasheet HTML 62Page - Analog Devices AD9531 Datasheet HTML 63Page - Analog Devices AD9531 Datasheet HTML 64Page - Analog Devices AD9531 Datasheet HTML 65Page - Analog Devices AD9531 Datasheet HTML 66Page - Analog Devices AD9531 Datasheet HTML 67Page - Analog Devices AD9531 Datasheet HTML 68Page - Analog Devices AD9531 Datasheet HTML 69Page - Analog Devices AD9531 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
AD9531
Data Sheet
Address
Bits
Bit Name
Description
[D2:D1]
Polarity [1:0]
Configure OUT1_2x polarity as follows (applies to CMOS only):
00: OUT1_2P normal, OUT1_2N inverted.
01: OUT1_2P normal, OUT1_2N normal.
10: OUT1_2P inverted, OUT1_2N inverted.
11: OUT1_2P inverted, OUT1_2N normal.
D0
Power-down
0: OUT1_2x driver active.
1: OUT1_2x driver powered down.
0x0114
[D7:D6]
Unused
Unused.
[D5:D3]
Logic mode [2:0]
Configure the OUT1_3x output driver as follows:
000: disabled.
001: HSTL.
010: undefined.
011: undefined.
100: 1.8 V CMOS, OUT1_3P active, OUT1_3N active.
101: 1.8 V CMOS, OUT1_3P active, OUT1_3N disabled.
110: 1.8 V CMOS, OUT1_3P disabled, OUT1_3N active.
111: undefined.
[D2:D1]
Polarity [1:0]
Configure OUT1_3x polarity as follows (applies to CMOS only):
00: OUT1_3P normal, OUT1_3N inverted.
01: OUT1_3P normal, OUT1_3N normal.
10: OUT1_3P inverted, OUT1_3N inverted.
11: OUT1_3P inverted, OUT1_3N normal.
D0
Power-down
0: OUT1_3x driver active.
1: OUT1_3x driver powered down.
Registers for PLL1 Group 1B Outputs, OUT1_4x to OUT1_7x—Register 0x0115 to Register 0x0119
Table 60. PLL1 Group 1B Outputs Register Details
Address
Bits
Bit Name
Description
0x0115
[D7:D0]
D1B [7:0]
D1B divider Bit D7 (MSB) to Bit D0 (LSB). The divide factor is the value of D1B [7:0] + 1. D1B powers
down when all four of the associated output drivers power down, whether via the power-down bit
or via the logic mode bits.
0x0116
[D7:D6]
Unused
Unused.
[D5:D3]
Logic mode [2:0]
Configure the OUT1_4x output driver as follows:
000: disabled.
001: HSTL.
010: undefined.
011: undefined.
100: 1.8 V CMOS, OUT1_4P active, OUT1_4N active.
101: 1.8 V CMOS, OUT1_4P active, OUT1_4N disabled.
110: 1.8 V CMOS, OUT1_4P disabled, OUT1_4N active.
111: undefined.
[D2:D1]
Polarity [1:0]
Configure OUT1_4x polarity as follows (applies to CMOS only):
00: OUT1_4P normal, OUT1_4N inverted.
01: OUT1_4P normal, OUT1_4N normal.
10: OUT1_4P inverted, OUT1_4N inverted.
11: OUT1_4P inverted, OUT1_4N normal.
D0
Power-down
0: OUT1_4x driver active.
1: OUT1_4x driver powered down.
Rev. 0 | Page 66 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com