Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9531 Datasheet(PDF) 64 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9531 Datasheet HTML 60Page - Analog Devices AD9531 Datasheet HTML 61Page - Analog Devices AD9531 Datasheet HTML 62Page - Analog Devices AD9531 Datasheet HTML 63Page - Analog Devices AD9531 Datasheet HTML 64Page - Analog Devices AD9531 Datasheet HTML 65Page - Analog Devices AD9531 Datasheet HTML 66Page - Analog Devices AD9531 Datasheet HTML 67Page - Analog Devices AD9531 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
AD9531
Data Sheet
Address
Bits
Bit Name
Description
[D2:D1]
REF1A input mode
[1:0]
These bits set the configuration of the REF1_A input reference.
00: differential input (REF1_AP/REF1_AN inputs active).
01: 3.3 V CMOS single-ended (REF1_AP active, REF1_AN disabled).
10: not applicable.
11: 2.5 V CMOS single-ended (REF1_AP active, REF1_AN disabled).
D0
REF1A power-down
Logic 1 powers down the REF1_AP/REF1_AN inputs.
PLL1 Frequency Translation Registers—Register 0x0104 to Register 0x010F
Table 58. PLL1 Frequency Translation Register Details
Address
Bits
Bit Name
Description
0x0104
[D7:D0]
R1 [7:0]
R1 divider Bit D7 to Bit D0 (LSB). See Register 0x0105, Bits[D3:D0] for details.
0x0105
[D7:D4]
Unused
Unused.
[D3:D0]
R1 [11:8]
R1 divider Bit D11 (MSB) to Bit D8. The value of R1, Bits[D11:D0] results in the following behavior:
0: multiplies the input frequency by a factor of 2.
1 to 3: passes the input frequency unaltered (R1 divider bypass).
4 to 4095: divides the input frequency by this value.
0x0106
[D7:D0]
N1A [7:0]
N1A Bit D7 (MSB) to Bit D0 (LSB). The value of N1A [7:0] results in the following behavior,
depending on the operating mode (integer-N or fractional-N):
For integer-N mode,
0 to 14: not applicable.
15 to 255: divide by this value.
For fractional-N mode,
0 to 79: not applicable.
80 to 255: divide by this value.
0x0107
[D7:D0]
N1A fraction [7:0]
N1A Fraction Bit D7 to Bit D0 (LSB). See Register 0x0109, Bits[D3:D0] for details.
0x0108
[D7:D0]
N1A fraction [15:8]
N1A Fraction Bit D15 to Bit D8. See Register 0x0109, Bits[D3:D0] for details.
0x0109
[D7:D4]
Reserved
Reserved.
[D3:D0]
N1A fraction [19:16]
N1A Fraction Bit D19 (MSB) to Bit D16. The value of N1A fraction [19:0] results in the following
behavior:
0: enables integer mode (disables the Σ-Δ modulator).
1 to 1048574: enables fractional-N mode (Σ-Δ modulator active).
0x010A
[D7:D0]
N1A modulus [7:0]
N1A Modulus Bit D7 to Bit D0 (LSB). See Register 0x010C, Bits[D3:D0] for details.
0x010B
[D7:D0]
N1A modulus [15:8]
N1A Modulus Bit D8 to Bit D15. See Register 0x010C, Bits[D3:D0] for details.
0x010C
[D7:D4]
Reserved
Reserved.
[D3:D0]
N1A modulus [19:16]
N1A Modulus Bit D19 (MSB) to Bit D16. N1A Modulus [19:0] must be greater than N1A fraction
(1,048,575 maximum).
0x010D
[D7:D0]
N1B [7:0]
N1B Bit D7 to Bit D0 (LSB). See Register 0x010E, Bits[D3:D0] for details.
0x010E
[D7:D4]
Unused
Unused.
[D3:D0]
N1B [11:8]
N1B Bit D11 (MSB) to Bit D8. The value of N1B [11:0] results in the following behavior:
0 to 1: disallows the Loop 2 configuration and bypasses the N1B divider.
2 to 3: undefined.
4 to 4095: divides the by this value.
The Loop 4 configuration bypasses the N1B divider regardless of the value of N1B [11:0].
0x010F
[D7:D4]
Unused
Unused.
[D3:D0]
M1 [3:0]
M1 Bit D3 (MSB) to Bit D0. The value of the M1 [3:0] bits results in the following behavior:
0 to 2: disable.
3 to 11: divide by this value.
12 to 14: disables VCO calibration after changing the value of M1.
15: M1 divider reset state. If the user intends to change the M1 divider without performing a
subsequent PLL1 VCO calibration, then program this value (followed by an input/output update)
before programming the new M1 divider value (followed by an input/output update). An
input/output update is writing Register 0x0005, Bit D0 = 1. The procedure given here is unnecessary
if the user performs a PLL1.
Rev. 0 | Page 64 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com