Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9531 Datasheet(PDF) 63 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9531 Datasheet HTML 59Page - Analog Devices AD9531 Datasheet HTML 60Page - Analog Devices AD9531 Datasheet HTML 61Page - Analog Devices AD9531 Datasheet HTML 62Page - Analog Devices AD9531 Datasheet HTML 63Page - Analog Devices AD9531 Datasheet HTML 64Page - Analog Devices AD9531 Datasheet HTML 65Page - Analog Devices AD9531 Datasheet HTML 66Page - Analog Devices AD9531 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
Data Sheet
AD9531
Address
Bits
Bit Name
Description
[D6:D5]
Fixed delay [1:0]
These bits select a particular output distribution group when using the fixed delay function (see
the PLL1 Loop 4 Configuration section).
00: disables the fixed delay function.
01: selects OUT1_0x (Group 1A outputs) as the fixed delay feedback source.
10: selects OUT1_4x (Group 1B outputs) as the fixed delay feedback source.
11: selects OUT1_8x (Group 1C outputs) as the fixed delay feedback source.
[D4:D2]
3.3 V charge pump
current [2:0]
These bits establish the charge pump current for the 3.3 V charge pump of PLL1 (used for
controlling an external VCXO).
000: 625 μA.
001: 1250 μA.
010: 1875 μA.
011: 2500 μA.
100: 3125 μA.
101: 3750 μA.
110: 4375 μA.
111: 5000 μA.
[D1:D0]
External oscillator
(VCXO) mode [1:0]
These bits determine the functionality of the RFIN_1P/RFIN_1N pins when using an external
loop configuration (see the PLL1 Loop Configurations section).
00: disables the external VCXO function.
01: single-ended input (RFIN_1P).
10: single-ended input (RFIN_1N).
11: differential input.
0x0102
D7
Freerun
Logic 1 forces PLL1 into freerun mode, but only if an external loop configuration is in effect.
Otherwise, Logic 1 forces PLL1 into holdover mode.
D6
Holdover
Logic 1 forces PLL1 into holdover mode.
D5
Enable reference
select
0: disables the functionality of the reference select bit.
1: enables the functionality of the reference select bit.
D4
Reference select
This bit is ineffective when Register 0x0102, Bit D5 = 0.
0: forces REF1_A to be the active reference for PLL1.
1: forces REF1_B to be the active reference for PLL1.
D3
Wide bandwidth
mode
See the PLL1 Loop 2 Wide Bandwidth Configuration section for details.
0: disables the wide bandwidth mode.
1: enables the wide bandwidth mode.
D2
Freerun vs.
holdover
Logic 1 allows automatic transition to freerun mode instead of holdover mode. This transition is
only effective when the enable auto hold bit is set and an external loop configuration is in effect.
D1
Enable autohold
Logic 1 activates the control logic that allows automatic transition to holdover mode when
conditions warrant this transition.
D0
Enable autoswitch
Logic 1 activates the control logic that allows automatic switching to an alternate reference
upon LOR indication of the active reference.
0x0103
D7
VCO calibration
reset
0: normal operation (default).
1: resets the PLL1 VCO calibration circuitry. This is a fail-safe control bit. Normally, a reset of the
calibration circuitry automatically occurs at the start of calibration.
[D6:D5]
REF1B input mode
[1:0]
These bits set the configuration of the REF1_B input reference.
00: differential input (REF1_BP/REF1_BN inputs active).
01: 3.3 V CMOS single-ended (REF1_BP active, REF1_BN disabled).
10: not applicable.
11: 2.5 V CMOS single-ended (REF1_BP active, REF1_BN disabled).
D4
REF1B power-down
Logic 1 powers down the REF1_BP/REF1_BN inputs.
D3
Reserved
Reserved.
Rev. 0 | Page 63 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com