Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9531 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9531
Description  3-Channel Clock Generator, 24 Outputs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9531 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9531 Datasheet HTML 8Page - Analog Devices AD9531 Datasheet HTML 9Page - Analog Devices AD9531 Datasheet HTML 10Page - Analog Devices AD9531 Datasheet HTML 11Page - Analog Devices AD9531 Datasheet HTML 12Page - Analog Devices AD9531 Datasheet HTML 13Page - Analog Devices AD9531 Datasheet HTML 14Page - Analog Devices AD9531 Datasheet HTML 15Page - Analog Devices AD9531 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
AD9531
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
3.3 V CHARGE PUMP CURRENT
These charge pump specifications are only applic-
able to the 3.3 V charge pump, which draws its
power from Pin 23 (VDD1_3V3)
ICP Sink/Source
Programmable via Register 0x0101, Bits[D4:D2]
Highest Programmable Value
±5.0
mA
Lowest Programmable Value
±0.625
mA
ICP High Impedance Mode Leakage
0.5
nA
Sink and Source Current Matching
10
%
0.8 V < VCP < VDD − 0.8 V
ICP vs. VCP
11
%
0.8 V < VCP < VDD − 0.8 V
ICP vs. Temperature
2
%
VCP = VDD/2
PLL FIGURE OF MERIT (FOM)
−221
dBc/Hz
Applies to wide loop bandwidth mode (see the PLL1
Loop 2 Wide Bandwidth Configuration section)
measured at 500 kHz offset relative to the output
frequency under the following conditions: fR =
245.76 MHz (differential input), fOUT = 122.88 MHz
(HSTL output), integer-N PLL mode, internal VCO,
and loop bandwidth = 500 kHz
PLL1 RFIN1_x Inputs
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
Input Frequency Range
400
MHz
Input Sensitivity
200
mV p-p
Capacitive coupling recommended
Input Slew Rate
100
V/µs
Minimum limit imposed for jitter performance (when using a
sinusoidal source, for example)
Common-Mode Internally
Generated Bias Voltage
0.65
V
Differential Input Resistance
5.6
kΩ
Differential Input Capacitance
3
pF
CMOS MODE, SINGLE-ENDED INPUT
Input Frequency Range
400
MHz
Input Voltage
High
1.2
V
Low
0.6
V
Hysteresis
300
mV
Input Resistance
5
MΩ
Input Capacitance
3
pF
PLL1 Jitter Generation
The jitter integration bandwidth is from 12 kHz to 20 MHz.
Table 15.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ABSOLUTE TIME JITTER
Fractional Mode
0.462
ps rms
fR = 10 MHz, fOUT = 122.88 MHz, fLOOP = 90 kHz
Integer Mode
0.360
ps rms
fR = 15.36 MHz, fOUT = 122.88 MHz, fLOOP = 100 kHz
Wide Loop Bandwidth Integer Mode1
0.204
ps rms
fR = 122.88 MHz, fOUT = 122.88 MHz, fLOOP = 300 kHz
External VCXO Mode
0.145
ps rms
fR = 10 MHz, fOUT = 122.88 MHz, fLOOP = 100 Hz
ADDITIVE TIME JITTER
Additive jitter contribution is from the RFIN1_x input
to the OUT_x output, excluding the VCXO contribution
External VCXO Mode
0.125
ps rms
fVCXO = 122.88 MHz, fOUT = 122.88 MHz
1
See the PLL1 Loop 2 Wide Bandwidth Configuration section.
Rev. 0 | Page 12 of 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com