Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT64BS1X433ZPC Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT64BS1X433ZPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433ZPC Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT64BS1X433ZPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
PIN IDENTIFICATION and DESCRIPTION
Logic Pins
Pin Name
Direction
Pin
Number
Description
MODE
I
M11
Mode select
0: Banks 0-3 are selected with BANK[1:0] and bank 0-3 chip selects are selected
with ASEL[2:0].
1: Banks 0-1 are selected with BANK[0] and bank 0-1 chip selects are selected
with BSEL[2:0]. Banks 2-3 are selected with BANK[1] and bank 2-3 chip
selects are selected with ASEL[2:0].
RAMS
I
M10
Enables banks 0-3 in mode 0 and banks 2-3 in mode 1.
ROMS
I
N10
Enables banks 0-1 in mode 1. Don’t care in mode 0.
ASEL[0]
I
P9
Bit 0 to select chip selects for banks 0-3 in mode 0 and for banks 2-3 in mode 1.
ASEL[1]
I
P10
Bit 1 to select chip selects for banks 0-3 in mode 0 and for banks 2-3 in mode 1.
ASEL[2]
I
R10
Bit 2 to select chip selects for banks 0-3 in mode 0 and for banks 2-3 in mode 1.
BSEL[0]
I
U7
Bit 0 to select chip selects for banks 0-1 in mode 1.
BSEL[1]
I
N9
Bit 1 to select chip selects for banks 0-1 in mode 1.
BSEL[2]
I
M9
Bit 2 to select chip selects for banks 0-1 in mode 1.
BANK[0]
I
U6
Bit 0 to select banks 0-3 in mode 0 and banks 0-1 in mode 1.
BANK[1]
I
U8
Bit 1 to select banks 0-3 in mode 0 and banks 2-3 in mode 1.
CS0[0]
O
W5
Bank 0 chip select 0. Asserted when xSEL[2:0] = 000b.
CS0[1]
O
Y6
Bank 0 chip select 1. Asserted when xSEL[2:0] = 001b.
CS0[2]
O
V9
Bank 0 chip select 2. Asserted when xSEL[2:0] = 010b.
CS0[3]
O
Y4
Bank 0 chip select 3. Asserted when xSEL[2:0] = 011b.
CS0[4]
O
W9
Bank 0 chip select 4. Asserted when xSEL[2:0] = 100b.
CS0[5]
O
P8
Bank 0 chip select 5. Asserted when xSEL[2:0] = 101b.
CS0[6]
O
R9
Bank 0 chip select 6. Asserted when xSEL[2:0] = 110b.
CS0[7]
O
U10
Bank 0 chip select 7. Asserted when xSEL[2:0] = 111b.
CS1[0]
O
W6
Bank 0 chip select 0. Asserted when xSEL[2:0] = 000b.
CS1[1]
O
V7
Bank 1 chip select 1. Asserted when xSEL[2:0] = 001b.
CS1[2]
O
W8
Bank 1 chip select 2. Asserted when xSEL[2:0] = 010b.
CS1[3]
O
W4
Bank 1 chip select 3. Asserted when xSEL[2:0] = 011b.
CS1[4]
O
Y10
Bank 1 chip select 4. Asserted when xSEL[2:0] = 100b.
CS1[5]
O
R7
Bank 1 chip select 5. Asserted when xSEL[2:0] = 101b.
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com