Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT64BS1X433ZPC Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT64BS1X433ZPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433ZPC Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433ZPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Power and Ground Pins
ABSOLUTE MAXIMUM RATINGS1
(Referenced to VSS)
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation should be restricted to recommended operating conditions.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability and performance.
2. All voltages are referenced to VSS
3. Power dissipation capability depends on package characteristics and use environment.
RECOMMENDED OPERATING CONDITIONS
Pin Name
Pin Number
Description
VDD
A2, A20, B1, E5, G14, P7, T16, W20, Y1, Y19
Power Supply
VSS
A1, A19, B20, E16, G7, P14, T5, U5, W1, Y2, Y20, R15
Ground
NC
K10, V4, V5
No Connect
SYMBOL
DESCRIPTION
VALUE
UNITS
VDD
Supply voltage2
-0.3 to 4.8
V
VIO
Input voltage any logic pin2
VSS-0.3 to VDD+0.3
V
VCH
Input voltage any bussed pin2
VSS-0.3 to VDD+0.3
V
IIO
Maximum dc I/O current any logic pin
-10 to 10
mA
PD
Maximum power dissipation permitted @
TC=125C3
5W
TJ
Junction temperature
150
°C
θJC
Thermal resistance, junction to case
5
°C/W
TSTG
Storage temperature
-65 to 150
°C
ESD
ESD protection (human body model) Class 2
2000
V
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com