Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT64BS1X433ZPC Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # UT64BS1X433ZPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433ZPC Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433ZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
DC CHARACTERISTICS FOR BUSSED SIGNALS (Pre and Post-Radiation)*
(VDD = 3.3V + 0.3V; VSS < VIN < VDD; -55°C < TC < +125°C); Unless otherwise noted, TC is per the temperature range ordered
Notes:
* For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is guaranteed at 25°C per MIL-STD-883 Method 1019,
Condition A up to the maximum TID level procured.
1. Guaranteed by design.
2. Guaranteed by device characterization.
3. Guaranteed by functional test only.
SYMBOL
DESCRIPTION
CONDITIONS
MIN
MAX
UNITS
CON1
Switch ON capacitance
Output is open
f=1MHz, 0.1VDD<VI<0.9VDD
--
17
pF
COFF11
Switch OFF capacitance at
input mA
Output is open
f=1MHz
--
11
pF
COFF21
Switch OFF capacitance at
output mBn
Input is open
f=1MHz
--
5
pF
RON2
Switch ON resistance
VO=VSS, VDD, and VDD/2
IIN=40mA
--
11
Ω
RON(flat)2
Switch ON resistance flat-
ness
VO=VSS, VDD, and VDD/2
IIN=-40mA
--
5
Ω
IOFF
Switch OFF leakage current
VI=VSS and VO=VDD, or
VI=VDD and VO=VSS
-2
2
uA
IBHHL3
Bus holder switch current
high to low
Output is off
-500
-150
uA
IBHLH3
Bus holder switch current
low to high
Output is off
150
500
uA
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com