Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT64BS1X433ZPC Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT64BS1X433ZPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433ZPC Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433ZPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
(Referenced to VSS)
OPERATIONAL ENVIRONMENT
POWER SUPPLY OPERATING CHARACTERISTICS (Pre and Post-Radiation)*
(VDD = 3.3V + 0.3V; VSS < VIN < VDD; -55°C < TC < +125°C); Unless otherwise noted, TC is per the temperature range ordered
Notes:
* For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is guaranteed at 25°C per MIL-STD-883 Method 1019,
Condition A up to the maximum TID level procured.
SYMBOL
DESCRIPTION
CONDITIONS
VALUE
UNITS
VDD
Supply voltage
3.0 to 3.6
V
VIN
Input voltage any pin
0 to VDD
V
TC
Case operating temperature
-55 to 125
°C
tR
Rise time, logic inputs
Transition from VIL to VIH
5ns
tF
Fall time, logic inputs
Transition from VIH to VIL
5ns
ICH
DC Continuous channel current
-60 to 60
mA
OPERATIONAL ENVIRONMENT
PARAMETER
LIMIT
UNITS
TID
3.0E5
Rad(Si)
Single Event Latchup ImmunE (SEL)
<100
MeV-cm2/mg
SYMBOL
DESCRIPTION
CONDITIONS
MIN
MAX
UNITS
IDD
Active supply current
VDD=3.6V
The following pins are toggling once per
period at f=18.67MHz: RAMS,
ASEL[1], BSEL[1]. BANK[0] at
f=1.17MHz.
--
1.5
mA/
MHz
IDDS
Standby supply cur-
rent
VDD=3.6V
ROMS=VDD, RAMS=VDD
-55°C
and
+25°C
--
20
uA
+125°C
--
250
uA
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com