Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT64BS1X433ZPC Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT64BS1X433ZPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433ZPC Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433ZPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Channel Pins
Pin Name
Pin
Number
Pin Name
Pin
Number
Pin Name
Pin
Number
Pin Name
Pin
Number
Pin Name
Pin
Number
0A
U3
0B0
R03
0B1
U4
0B2
T3
0B3
T4
1A
T1
1B0
T2
1B1
R2
1B2
P1
1B3
R1
2A
P22B0P32B1
N3
2B2
M3
2B3
N2
3A
U1
3B0
W2
3B1
V2
3B2
U2
3B3
V1
4A
L14B0L24B1
M2
4B2
M1
4B3
N1
5A
N65B0N75B1
P6
5B2N55B3N8
6A
L5
6B0M56B1M46B2
L4
6B3
L3
7A
R4
7B0
R5
7B1
P5
7B2
N4
7B3
P4
8A
M78B0M88B1M68B2
L7
8B3
L6
9A
L9
9B0
L10
9B1
L8
9B2
K8
9B3
K9
10A
J8
10B0
K7
10B1
J7
10B2
K6
10B3
J9
11A
H4
11B0
G4
11B1
F5
11B2
F6
11B3
G5
12A
K5
12B0
K4
12B1
K3
12B2
J5
12B3
J4
13A
H6
13B0
H5
13B1
J6
13B2
H7
13B3
G6
14A
J2
14B0
J1
14B1
H1
14B2
K1
14B3
K2
15A
D2
15B0
C1
15B1
D1
15B2
C3
15B3
C2
16A
H3
16B0
J3
16B1
H2
16B2
G2
16B3
G3
17A
F1
17B0
G1
17B1
E1
17B2
E2
17B3
F2
18A
F4
18B0
E3
18B1
E4
18B2
F3
18B3
D3
19A
C4
19B0
C6
19B1
D4
19B2
C5
19B3
D5
20A
A5
20B0
B5
20B1
B6
20B2
A7
20B3
A6
21A
B7
21B0
C7
21B1
C8
21B2
C9
21B3
B8
22A
A4
22B0
B2
22B1
B3
22B2
B4
22B3
A3
23A
A10
23B0
B10
23B1
B9
23B2
A9
23B3
A8
24A
F8
24B0
G8
24B1
F7
24B2
E8
24B3
F9
25A
E10
25B0
E9
25B1
D9
25B2
D10
25B3
C10
26A
D6
26B0
E6
26B1
E7
26B2
D8
26B3
D7
27A
G9
27B0
H9
27B1
H8
27B2
G10
27B3
F10
28A
H10
28B0
J10
28B1
K11
28B2
J11
28B3
H11
29A
G11
29B0
F11
29B1
G12
29B2
H12
29B3
F12
30A
E14
30B0
D13
30B1
D14
30B2
D15
30B3
E15
31A
E11
31B0
D11
31B1
C11
31B2
E12
31B3
D12
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com