Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT64BS1X433ZPC Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # UT64BS1X433ZPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433ZPC Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433ZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT64BS1X433ZPC Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
DC CHARACTERISTICS FOR LOGIC SIGNALS (Pre and Post-Radiation)*
(VDD = 3.3V + 0.3V; VSS < VIN < VDD; -55°C < TC < +125°C); Unless otherwise noted, TC is per the temperature range ordered
Notes:
* For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is guaranteed at 25°C per MIL-STD-883 Method 1019,
Condition A up to the maximum TID level procured.
1. Output pins should not be shorted to VDD when driven low nor to VSS when driven high.
2. Guaranteed by design.
3. Measured only for initial qualification and after process or design changes that could affect input/output capacitance.
SYMBOL
DESCRIPTION
CONDITIONS
MIN
MAX
UNITS
VIH
High-level input voltage
VDD = 3.6V
2.0
--
V
VIL
Low-level input voltage
VDD = 3.0V
--
0.8
V
IIN
Input leakage current
VIN=VDD, VDD = 3.6V
--
1
uA
VIN=VSS, VDD = 3.6V
-1
--
VOH1
High-level output voltage
IOH=-100uA, VDD = 3.0V
VDD-0.2
--
V
IOH=-24mA, VDD = 3.0V
2.2
--
VOL1
Low-level output voltage
IOL=100uA, VDD = 3.0V
--
0.2
V
IOL=24mA, VDD = 3.0V
0.6
VBBM2
Break before make voltage
Any two CSm[n] signals
RL=50Ω, CL=50pF
2.0
--
V
CIN3
Input capacitance
VDD=0V
f=1MHz
--
TBD
pF
COUT3
Output capacitance
VDD=0V
f=1MHz
--
TBD
pF
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com