Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII161ACT100 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SII161ACT100
Description  SiI 161A PanelLink Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII161ACT100 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SII161ACT100 Datasheet HTML 14Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 15Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 16Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 17Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 18Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 19Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 20Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 21Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Silicon Image, Inc.
SiI 161A
SiI-DS-0009-D
Silicon Image, Inc.
19
Subject to Change without Notice
When a thermal land on the PCB is used to provide a means of improved heat transfer from the package to the board
through a solder joint, thermal vias are required to remove the heat from the PCB. It is recommended that these vias
connect to the ground plane of the PCB. These vias provide a heat transfer path from the top surface of the PCB to
the inner layers and the bottom surface of the package. An array of vias should be incorporated in the thermal pad at
1.2 mm pitch grid, as shown in Figure 13. Thermal Pad Via Grid. It is also recommended that the via diameter
should be around 12 to 13 mils (0.30 to 0.33 mm) and the via barrel should be plated with 1 oz copper to plug the
via. This is desirable to avoid any solder wicking inside the via during the soldering process which may result in
voids in solder between the exposed pad and the thermal land. If the copper plating does not plug the vias, the
thermal vias can be “tented” with solder mask on the top surface of the PCB to avoid solder wicking inside the via
during assembly. The solder mask diameter should be at least 4 mils (0.1 mm) larger than the via diameter.
8.00
8.00
Figure 13. Thermal Pad Via Grid
Board Mounting Guidelines
The following are general recommendations for mounting exposed pad leadframe devices on the motherboard. This
should serve as the starting point in assembly process development and it is recommended that the process should
be developed based on past experience in mounting standard, non-thermally enhanced packages.
7.50
7.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com