Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII161ACT100 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SII161ACT100
Description  SiI 161A PanelLink Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII161ACT100 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SII161ACT100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 6Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 7Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 8Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 9Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 10Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 11Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 12Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Silicon Image, Inc.
SiI 161A
SiI-DS-0009-D
Silicon Image, Inc.
9
Subject to Change without Notice
Output Pins Description
Pin
Name
Pin #
Type
Description
QE23-
QE0
See
SiI
161A
Pin
Diagram
Out
Output Even Data[23:0] corresponds to 24-bit pixel data for 1-pixel/clock input mode
and to the first 24-bit pixel data for 2-pixels/clock mode.
Output data is synchronized with output data clock (ODCK).
Refer to the TFT Signal Mapping application note (Si
I/AN-0007) which tabulates the
relationship between the input data to the transmitter and output data from the
receiver.
A low level on PD or PDO will put the output drivers into a high impedance (tri-state)
mode. A weak internal pull-down device brings each output to ground.
QO23-
QO0
See
SiI
161A
Pin
Diagram
Out
Output Odd Data[23:0] corresponds to the second 24-bit pixel data for 2-pixels/clock
mode.
During 1-pixel/clock mode, these outputs are driven low.
Output data is synchronized with output data clock (ODCK).
Refer to the TFT Signal Mapping application note (
SiI/AN-0007) which tabulates the
relationship between the input data to the transmitter and output data from the
receiver.
A low level on PD or PDO will put the output drivers into a high impedance (tri-state)
mode. A weak internal pull-down device brings each output to ground.
ODCK
44
Out
Output Data Clock. This output can be inverted using the OCK_INV pin. A low level on
PD or PDO will put the output driver into a high impedance (tri-state) mode. A weak
internal pull-down device brings the output to ground.
DE
46
Out
Output Data Enable. This signal qualifies the active data area. A HIGH level signifies
active display time and a LOW level signifies blanking time. This output signal is
synchronized with the output data. A low level on PD or PDO will put the output driver
into a high impedance (tri-state) mode. A weak internal pull-down device brings the
output to ground.
In Dual Link Applications, the DE output pin of the Master is
connected to the SYNC input pin of the Slave.
HSYNC
VSYNC
CTL1
CTL2
CTL3
48
47
40
41
42
Out
Out
Out
Out
Out
Horizontal Sync input control signal.
Vertical Sync input control signal.
General output control signal 1. This output is not powered down by PDO.
General output control signal 2.
General output control signal 3.
A low level on PD or PDO will put the output drivers (except CTL1 by PDO) into a high
impedance (tri-state) mode. A weak internal pull-down device brings each output to
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com