Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII161ACT100 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # SII161ACT100
Description  SiI 161A PanelLink Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII161ACT100 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button SII161ACT100 Datasheet HTML 12Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 13Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 14Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 15Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 16Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 17Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 18Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 19Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Silicon Image, Inc.
SiI 161A
SiI-DS-0009-D
Silicon Image, Inc.
16
Subject to Change without Notice
Package Dimensions
Figure 10:100-pin TQFP Package Dimensions
JEDEC code MS-026AED
100-pin Plastic TQFP
SiI161ACT 100
LNNNNN.NLLL
XXYY
X.XX
Lead Length
1.00mm
Lead Width
0.20mm
Lead Pitch
0.50mm
Body Thickness
1.05 mm max.
Package Height
1.20mm max.
Clearance
0.15mm max.
Body Size 14.00mm
Footprint 16.00mm
Device #
Lot #
Date Code #
SiI Rev. #
12.00mm
PanelLink®
PanelLink ®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com