Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII161ACT100 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SII161ACT100
Description  SiI 161A PanelLink Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII161ACT100 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SII161ACT100 Datasheet HTML 14Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 15Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 16Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 17Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 18Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 19Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 20Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 21Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Silicon Image, Inc.
SiI 161A
SiI-DS-0009-D
Silicon Image, Inc.
20
Subject to Change without Notice
Stencil Design:
For improved heat transfer, the exposed pad on the package may be soldered to a thermal land on the PCB. This
requires solder paste application not only on the pad pattern for lead attachment but also on the thermal land using
the stencil. While for standard (non-thermally enhanced) leadframe based packages the stencil thickness depends
on the lead pitch and package coplanarity only, the package standoff also needs to be considered for the thermally
enhanced packages to determine the stencil thickness. For a nominal standoff of 0.1 mm, the stencil thickness of 5
to 8 mils (depending upon the pitch) should still provide good solder joint between the exposed pad and the thermal
land. The aperture openings should be the same as the solder mask opening on the thermal land. Since a large
stencil opening may result in poor release, the aperture opening can be subdivided into an array of smaller openings,
similar to the thermal land pattern shown in Figure 14. Recommended Stencil Design. The above guidelines will
result in the solder joint area to be about 80 to 90% of the exposed pad area.
Figure 14. Recommended Stencil Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com