Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII161ACT100 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SII161ACT100
Description  SiI 161A PanelLink Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII161ACT100 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SII161ACT100 Datasheet HTML 10Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 11Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 12Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 13Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 14Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 15Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 16Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 17Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Silicon Image, Inc.
SiI 161A
SiI-DS-0009-D
Silicon Image, Inc.
14
Subject to Change without Notice
Dual Link Mode Operation
SiI161A operates up to the full DVI Single Link bandwidth of 165MHz. In Dual Link applications, two SiI161A chips
can be used to support pixel clock speeds up to 330MHz. These applications will only support panels with 48-bit, 2-
pixel per clock interfaces. See Figure 9 for connection details.
In Single Link mode, the transmitter system does not send any Data over the second link connected to the Slave
receiver. Therefore, the Slave receiver is not active and its outputs are tri-stated. All the Data, both EVEN and ODD
pixels, are sent over the link connected to the Master receiver. Therefore all the Data, both EVEN and ODD pixels,
for the panel is output by the Master receiver, which operates in 48-bit, 2-pixels per clock interface mode.
In Dual Link mode, the transmitter system sends EVEN Data over the link connected to the Master receiver and the
ODD Data over the link connected to the Slave receiver. Therefore, the EVEN Data for the panel is output by the
Master receiver and the ODD Data is output by the Slave receiver. The Master receiver’s ODD Data bus is tri-stated
to allow the Slave receiver’s EVEN Data bus to output the ODD Data for the panel.
PDO
ODCK
HSYNC
VSYNC
DO[23:0]
DE[23:0]
Rx(+/-)[3:1]
RxC(+/-)
PDO
ODCK
HSYNC
VSYNC
DO[23:0]
DE[23:0]
Rx(+/-)[3:1]
RxC(+/-)
NC
NC
NC
NC
PDO
ODCK
HSYNC
VSYNC
DE
DE[23:0]
DO[23:0]
PANEL
SCDT
TxC(+/-)
Tx1(+/-)[3:1]
Tx2(+/-)[3:1]
SYSTEM
Master
Slave
SiI161A
SiI161A
Figure 9: SiI161A Dual Link Block Diagram
Configuration:
Master –
The Master receiver will automatically configure to either Single or Dual Link operation (two or one pixel per
clock mode, respectively) depending on the transmitter system output. This is accomplished by connecting the
SCDT output pin of the Slave to the S_D pin on the Master. When the transmitter sends data on the second
link, the SCDT output of the slave (and the S_D pin on the Master) becomes high, setting to Dual Link (one-pixel
per clock) mode. If there is no data on the second link, the SCDT output of the Slave (and the S_D pin on the
Master) becomes LOW, and the Master receiver is in Single Link (two-pixels per clock) mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com