Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII161ACT100 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SII161ACT100
Description  SiI 161A PanelLink Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII161ACT100 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SII161ACT100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 6Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 7Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 8Page - List of Unclassifed Manufacturers SII161ACT100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Silicon Image, Inc.
SiI 161A
SiI-DS-0009-D
Silicon Image, Inc.
5
Subject to Change without Notice
AC Specifications
Under normal operating conditions unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TDPS
Intra-Pair (+ to -) Differential Input Skew
1
165MHz
245
ps
TCCS
Channel to Channel Differential Input Skew
1
165MHz
4
ns
TIJIT
Worst Case Differential Input Clock Jitter
65 MHz
465
ps
tolerance
2,3
112 MHz
270
ps
165 MHz
182
ps
DLHT
Low-to-High Transition Time: Data and Controls
(70 C, 82.5 MHz, 2-pixel/clock, PIXS=1)
CL = 10pF;
ST = 1
2.6
ns
CL = 5pF;
ST = 0
2.7
ns
Low-to-High Transition Time: Data and Controls
(70 C, 165 MHz, 1-pixel/clock, PIXS=0)
CL = 10pF;
ST = 1
2.4
ns
CL = 5pF;
ST = 0
3.0
ns
Low-to-High Transition Time: ODCK
(70 C, 82.5 MHz, 2-pixel/clock, PIXS=1)
CL = 10pF;
ST = 1
1.3
ns
CL = 5pF;
ST = 0
1.7
ns
Low-to-High Transition Time: ODCK
(70 C, 165 MHz, 1-pixel/clock, PIXS=0)
CL = 10pF;
ST = 1
1.4
ns
CL = 5pF;
ST = 0
1.7
ns
DHLT
High-to-Low Transition Time: Data and Controls
(70 C, 82.5 MHz, 2-pixel/clock, PIXS=1)
CL = 10pF;
ST = 1
2.8
ns
CL = 5pF;
ST = 0
3.4
ns
High-to-Low Transition Time: Data and Controls
(70 C, 165 MHz, 1-pixel/clock, PIXS=0)
CL = 10pF;
ST = 1
2.3
ns
CL = 5pF;
ST = 0
3.3
ns
High-to-Low Transition Time: ODCK
(70 C, 82.5 MHz, 2-pixel/clock, PIXS=1)
CL = 10pF;
ST = 1
1.1
ns
CL = 5pF;
ST = 0
1.5
ns
High-to-Low Transition Time: ODCK
(70 C, 165 MHz, 1-pixel/clock, PIXS=0)
CL = 10pF;
ST = 1
1.2
ns
CL = 5pF;
ST = 0
1.5
ns
TSETUP
Data, DE, VSYNC, HSYNC, and CTL[3:1] Setup
Time to ODCK falling edge (OCK_INV = 0) or to
ODCK rising edge (OCK_INV = 1) at 165 MHz
CL = 10pF;
ST = 1
0.7
*0.7
ns
*OCK_INV = 1
CL = 5pF;
ST = 0
0.7
*0.4
ns
THOLD
Data, DE, VSYNC, HSYNC, and CTL[3:1] Hold Time
from ODCK falling edge, (OCK_INV = 0) or from
ODCK rising edge (OCK_INV = 1) at 165 MHz,
CL = 10pF;
ST = 1
3.8
*3.8
ns
*OCK_INV = 0
CL = 5pF;
ST = 0
4.2
*3.8
ns
Notes:
1
Guaranteed by design.
2
Jitter defined as per DVI 1.0 Specification, Section 4.6 Jitter Specification.
3
Jitter measured with Clock Recovery Unit as per DVI 1.0 Specification, Section 4.7 Electrical Measurement Procedures .
4
Output clock duty cycle is independent of the differential input clock duty cycle and the IDCK duty cycle.
5
Measured when transmitter was powered down (see Si
I /AN-0005 “PanelLink Basic Design/Application Guide,” Section 2.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com