Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520TL/NOPB
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 12Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 13Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 14Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 15Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 16Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 17Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 18Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 19Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
2:1
MUX
AVERAGE
S1_RESULT
S2_RESULT
1:2
MUX
S1_IN
S2_IN
12 BIT ADC
16
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Fading only works in automatic mode. The LED current registers must be written to 0 for proper fade operation.
When the LEDs are turned on with fading, it is best to set the brightness first and then enable the outputs and
automatic mode. The LEDs can be turned off then by turning off the automatic mode (write rgb_auto to 0).
7.3.2.8 Temperature and Light Measurement
The LP5520 has a 12-bit analog-to-digital converter (ADC) for the measurements. The ADC has two inputs.
S1_IN input is intended for the LM20 temperature sensor and S2_IN input for light measurement or any DC
voltage measurement. The conversion results are filtered with average filter for 134 ms. The <adc_ch> bit in the
Control register selects, which conversion result can be read out from the registers ADC_hi_byte and
ADC_low_byte. The ADC_hi_byte must be read first. The <comp_ch> bit selects, which input is used for
compensation. The ADC uses the LDO voltage 2.8 V as the reference voltage. The input signal range is 0 V to
2.8 V, and the inputs are buffered on the chip.
If S2_IN is used for light measurement using TDK optical sensor BCS2015G1 as shown in the Functional Block
Diagram, the measurement range is from 10 to 20 000 lux when using a 100-k
Ω resistor.
Table 5. ADC Configuration
adc_ch(bit5)
0
S1 input can be read
1
S2 input can be read
comp_sel(bit4)
0
S1 input is used for compensation
1
S2 input is used for compensation
Figure 19. ADC Operation Block Diagram
7.3.3 Magnetic High-Voltage Boost DC-DC Converter
The LP5520 boost DC-DC converter generates a 5-V to 20-V supply voltage for the LEDs from single Li-Ion
battery (2.9 V to 4.5V). The output voltage is controlled with four bits in 18 steps. In adaptive mode the output
voltage is automatically adjusted so that the LED drivers have enough voltage for proper operation. The
converter is a magnetic switching PWM mode DC-DC converter with a current limit. Switching frequency is 1
MHz. Boost converter options are controlled with few bits of Control (06H) register.
Table 6. Boost DC-DC Converter Control
<en_autoload> (bit 3)
0
Internal boost converter loader off
1
Internal boost converter loader on
<vout_auto> (bit 2)
0
Manual boost output adjustment
1
Adaptive boost output adjustment
<en_boost> (bit 1)
0
Boost converter standby mode
1
Boost converter active mode
<nstby> (bit 0)
0
LP5520 standby mode
1
LP5520 active mode
The LP5520 boost converter uses pulse-skipping elimination to stabilize the noise spectrum. Even with light load
or no load a minimum length current pulse is fed to the inductor. An active load is used to remove the excess
charge from the output capacitor at very light loads. Active load can be disabled with the <en_autoload> bit.
Disabling active load increases slightly the efficiency at light loads, but the downside is that pulse skipping
occurs. The boost converter must be stopped when there is no load to minimize the current consumption.
The topology of the magnetic boost converter is called current programmed mode (CPM) control, where the
inductor current is measured and controlled with the feedback. The user can program the output voltage of the
boost converter. The output voltage control changes the resistor divider in the feedback loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com