Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520TL/NOPB
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 8Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 9Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 10Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 11Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 12Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 13Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 14Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 15Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
-40
-20
0
20
40
60
80
TEMPERATURE, °C
1500
1450
1400
1350
1300
1500
1450
1400
1350
1300
12
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 15. Compensated Blue LED Intensity vs Temperature
7.3.2.2 LED Brightness Control
The LED brightness is defined by two factors, the current through the LED and the PWM duty cycle. The
constant current outputs ROUT, GOUT, and BOUT can be independently set to sink between 0 and 60 mA. The
8-bit current control has 255 levels, and the step size is 235 µA. In manual mode the current is defined with the
current control (R/G/B) registers (01H, 02H, and 03H). In automatic mode the current settings are loaded from
the EEPROM.
The PWM control has 12-bit resolution, which means 4095 steps. The minimum pulse width is 200 ns, and the
frequency can be set to either 1.2 kHz or 19.2 kHz. The duty cycle range is from 0 to 100% (0 to 4095). The
output PWM value is obtained by multiplication of three factors. The first factor is the temperature-based value
from the EEPROM. The second factor is the correction register setting, which is independent for each color. The
third factor is the brightness register setting, which is common to all colors.
The temperature-based PWM values are stored in the EEPROM at 16°C intervals starting from –40°C and
ending to 120°C. PWM values for the temperatures between the stored points are interpolated.
LED brightness has 3-bit logarithmic control. The control bits are in the pwm_brightness (04H) register. The 3-bit
value defines a multiplier for the 12-bit PWM value obtained from the memory according to Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com