Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520TL/NOPB
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 25Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 26Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 27Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 28Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 29Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 30Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 31Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 32Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
29
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6.1.1 Register Bit Conventions
Each register is shown with a key indicating the accessibility of the each individual bit, and the initial condition:
Table 13. Register Bit Accessibility And Initial Condition
Key
Bit Accessibility
rw
Read/write
r
Read only
–0, –1
Condition after POR
rgb_control (00H) – RGB LEDs Control Register
7
6
5
4
3
2
1
0
seq_mode1
seq_mode0
en_fade
pwm_fast
rgb_auto
en_b
en_g
en_r
rw-0
rw-0
rw-0
rw-1
rw-0
rw-0
rw-0
rw-0
seq_mode[1:0]
Bits 6 - 7
0 0 – overlapping PWM mode
0 1 – sequential mode with 2 PWM pulses
1 0 – sequential mode with 3 PWM pulses
1 1 – sequential mode with 4 PWM pulses
en_fade
Bit 5
0 – automatic fade disabled
1 – automatic fade enabled
pwm_fast
Bit 4
0 – normal PWM frequency 1.22 kHz
1 – high PWM frequency 19.52 kHz
rgb_auto
Bit 3
0 – automatic compensation disabled
1 – automatic compensation enabled
en_b
Bit 2
0 – blue LED output BOUT disabled
1 – blue LED output BOUT enabled
en_g
Bit 1
0 – green LED output GOUT disabled
1 – green LED output GOUT enabled
en_r
Bit 0
0 – red LED output ROUT disabled
1 – red LED output ROUT enabled
current_control_R (01H) – Red LED Current Control Register
7
6
5
4
3
2
1
0
cc_r[7]
cc_r[6]
cc_r[5]
cc_r[4]
cc_r[3]
cc_r[2]
cc_r[1]
cc_r[0]
rw-0
rw-1
rw-0
rw-1
rw-0
rw-1
rw-0
rw-1
cc_r[7:0]
Bits 7 - 0
Adjustment
cc_r[7:0]
Typical driver current (mA)
0000 0000
0
0000 0001
0.234
0000 0010
0.468
0000 0011
0.702
...
...
1111 1101
59.202
1111 1110
59.436
1111 1111
59.670
current_control_G (02H) – Green LED Current Control Register
7
6
5
4
3
2
1
0
cc_g[7]
cc_g[6]
cc_g[5]
cc_g[4]
cc_g[3]
cc_g[2]
cc_g[1]
cc_g[0]
rw-0
rw-1
rw-0
rw-1
rw-0
rw-1
rw-0
rw-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com